Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC50 Datasheet(PDF) 6 Page - EPCOS

Part # HVC50
Description  High-voltage contactor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

HVC50 Datasheet(HTML) 6 Page - EPCOS

Back Button HVC50 Datasheet HTML 2Page - EPCOS HVC50 Datasheet HTML 3Page - EPCOS HVC50 Datasheet HTML 4Page - EPCOS HVC50 Datasheet HTML 5Page - EPCOS HVC50 Datasheet HTML 6Page - EPCOS HVC50 Datasheet HTML 7Page - EPCOS HVC50 Datasheet HTML 8Page - EPCOS HVC50 Datasheet HTML 9Page - EPCOS HVC50 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC50
PPD AB PD / PPD AB PM
Version: 01 / 2024-10-14
Please read Cautions and warnings and
Page 6 of 13
Important notes at the end of this document.
Installation information
Connection name
Type
Marking
Finishing
Remarks
A1
Main terminal
A1
Copper contact
surface, M8
studs
Tightening torque max.
10 Nm
A2
Main terminal
A2
Coil (+)
Coil terminal
Pos. 6
Micro-fit 3.0
(Molex)
Max. allowable pull force
10 N
Coil (−)
Coil terminal
Pos. 5
Aux COM
Auxiliary contact Pos. 2
Aux NC
Auxiliary contact Pos. 1
Case mounting
Contactor
mounting M6
None
Stainless steel
insert
Tightening torque 4 … 6
Nm
Important
Auxiliary contacts NC and COM are normally closed .
When the contacts are open and the coil voltage is “0 V”, the part is stuck.
Coil (+) and coil (−) are suppressed with a surge protection device.
Auxiliary contact
Example circuit to realize stuck detection:
The LED will be ON when the contactor is OFF.
In case the contactor is stuck, the Aux COM and Aux NC contacts will remain open, hence the circuit
is open, and the LED will be off, indicating the malfunction.
Packing unit
Delivery unit
B88269X…
C011 = 1 pc. in cardboard box
4 pcs. in cardboard box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com