Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC50 Datasheet(PDF) 10 Page - EPCOS

Part # HVC50
Description  High-voltage contactor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

HVC50 Datasheet(HTML) 10 Page - EPCOS

Back Button HVC50 Datasheet HTML 5Page - EPCOS HVC50 Datasheet HTML 6Page - EPCOS HVC50 Datasheet HTML 7Page - EPCOS HVC50 Datasheet HTML 8Page - EPCOS HVC50 Datasheet HTML 9Page - EPCOS HVC50 Datasheet HTML 10Page - EPCOS HVC50 Datasheet HTML 11Page - EPCOS HVC50 Datasheet HTML 12Page - EPCOS HVC50 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC50
PPD AB PD / PPD AB PM
Version: 01 / 2024-10-14
Please read Cautions and warnings and
Page 10 of 13
Important notes at the end of this document.
Switching capacitive loads can lead to high inrush currents and can cause welding of the main
connections (tack-welding). These inrush currents need to be limited as much as possible. Even
short inrush currents in the microsecond range can lead to tack-welding. Please ensure with
appropriate pre-charging that the differential voltage across the main terminals is as low as
possible when closing the contactor. Please ensure that any connected capacitances are pre-
charged to a minimum of 98% (5 time constants).
In the event of a break under inductive load, the voltage at the connection terminals must not
exceed the nominal operating voltage by more than 10%. Break of inductive loads with time
constant greater than 1 ms will shorten the lifetime. Failure may also occur.
The contactor is bi-directional (no polarity of main connections). The service life curves are
estimated based on the requirements of IEC 60947-4-1 Chapter 8.2.4, where 50% of the
operations are performed in positive direction and 50% in negative direction.
After long-term operation, the contactor coil resistance is increased due to the temperature rise. If
the contactor is switched on immediately afterwards, the coil characteristics may be deteriorated.
In the event of a current exceeding the maximum breaking current by more than 50% or
triggering a series fuse, the contactor must be considered damaged and replaced.
The lifetime depends on several factors like e.g. load type, driving circuit and ambient conditions.
We recommend checking the performance of the part under actual conditions.
Simultaneously applied maximum operation parameters for e.g. coil voltage, over currents,
temperature, vibration etc. may lead to reduced lifetime. We recommend applying rated settings
to achieve optimum life performance.
The contactor must not be operated without any load. This may increase the contact resistance.
The operating life of the contactor can be affected by strong magnetic fields. Please ensure that
there are no magnetic field sources in proximity and avoid nearby installed heat sources.
We recommend separating or shielding the low voltage side (coil and auxiliary connections if
available) from the high voltage side (main connection terminals).
The coil input voltage needs to be kept stable and without disturbances. It should always remain
above the minimum value of the coil voltage operation range specified in the datasheet.
Distortions of the DC supply of the contactor may influence the electronics. Superimposed
voltages at frequencies > 10 Hz and > 3 V peak to peak must be avoided. Otherwise, the coil
may become hot and fail.
For a successful pick-up, the coil voltage cannot be ramped up slowly. It needs to be applied
instantly (within less than 1 ms) to at least the maximum pick-up voltage. For a successful
breaking, the coil voltage cannot be ramped down slowly. It needs to be switched off instantly
(within less than 1 ms).
The contactor is not intended to be used with pulse width modulation (PWM) controllers. Please
contact TDK for details.
To protect the coil contacts from overvoltage when switching off, a protection device is installed in
parallel to the coil. No further protection device shall be used.
This contactor is equipped with two coils (dual coil). Both coils are active during pick-up. After
approximately 200 ms, one coil will be removed electronically from the circuit.
Fast and consecutive switching of the contactor is not allowed. The minimum off time is 5 s. If
switching happens in faster cycles, the coil may become hot and fail.
The auxiliary contact (“stuck detection”) is no real parallel contact. It delivers only an indirect
source of information about the actual switching status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com