Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC50 Datasheet(PDF) 8 Page - EPCOS

Part # HVC50
Description  High-voltage contactor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

HVC50 Datasheet(HTML) 8 Page - EPCOS

Back Button HVC50 Datasheet HTML 4Page - EPCOS HVC50 Datasheet HTML 5Page - EPCOS HVC50 Datasheet HTML 6Page - EPCOS HVC50 Datasheet HTML 7Page - EPCOS HVC50 Datasheet HTML 8Page - EPCOS HVC50 Datasheet HTML 9Page - EPCOS HVC50 Datasheet HTML 10Page - EPCOS HVC50 Datasheet HTML 11Page - EPCOS HVC50 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC50
PPD AB PD / PPD AB PM
Version: 01 / 2024-10-14
Please read Cautions and warnings and
Page 8 of 13
Important notes at the end of this document.
Accessory
Mating connector plug
To order if required:
Ordering code
B88269X9960C101 (10 pcs. in a box)
Notes:
1
All physical dimensions specified in the datasheet follow the general tolerances of the datasheet drawing.
2
The recommended cross section refers to pure copper. In other cases it must be matched to actual current, conductor
material properties and operation temperature.
3
Referring to IEC 60068-2-27
4
Referring to IEC 60068-2-64
5
Freezing or condensing must be avoided.
6
Valid for base-model without accessory, other configurations will lead to deviations.
7
The specified values apply to unused contactors acc. to IEC 61810-1.
8
Referring to IEC 60947-4-1, 6000 operations make & break
9
Referring to IEC 60947-4-1, 50% of operations in positive and 50% in negative direction.
10
Detection limit 10 mA
11
Measured at rated control voltage UC including contact bouncing time.
12
Specified, referring to JIS C 5442 (temperature 15 °C to 35 °C, humidity 25% to 85% RH).
13
End of life is reached when insulation resistance is < 50 MΩ at 1000 V.
14
Duty cycle 50%, cycle duration 1 s, value represents B10 lifetime acc. to Weibull analysis.
15
Duty cycle 1%, cycle duration 600 s
16
Tested for resistive loads with τ ≤ 1 ms
17
No fire and no explosion will occur after this break.
18
At start up two coils are active. After ~200 ms one of the coils is switched off, leaving only a low power holding coil active.
19
Tolerance ±10% at thermal equilibrium



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com