Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC50 Datasheet(PDF) 9 Page - EPCOS

Part # HVC50
Description  High-voltage contactor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

HVC50 Datasheet(HTML) 9 Page - EPCOS

Back Button HVC50 Datasheet HTML 5Page - EPCOS HVC50 Datasheet HTML 6Page - EPCOS HVC50 Datasheet HTML 7Page - EPCOS HVC50 Datasheet HTML 8Page - EPCOS HVC50 Datasheet HTML 9Page - EPCOS HVC50 Datasheet HTML 10Page - EPCOS HVC50 Datasheet HTML 11Page - EPCOS HVC50 Datasheet HTML 12Page - EPCOS HVC50 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC50
PPD AB PD / PPD AB PM
Version: 01 / 2024-10-14
Please read Cautions and warnings and
Page 9 of 13
Important notes at the end of this document.
Cautions and warnings
It is not allowed to use the contactor outside of the parameter range specified in this data sheet.
This also includes temperature and humidity. Overloading may destroy the component.
It must be ensured that during usage, storage or transportation, direct sunlight is avoided. The
ambient temperature during usage must not exceed the value specified in this data sheet.
This contactor is not waterproof.
The manufacturer cannot be held liable for failures caused by condensation or icing. The
customer must apply suitable measures to avoid these circumstances.
It is forbidden to use this contactor in atmospheres loaded with organic solvents (alcohol,
petroleum, etc.) or strong alkaline substances (ammoniac, acids in general, etc.).
We strongly recommend implementing redundancy, taking measures to prevent the spread of
fire, taking the possibilities of malfunction into account and performing regular maintenance.
Contactors must be handled with care and must not be dropped.
Contactors radiate magnetic and electromagnetic fields. Please ensure that other components
mounted in proximity are not affected.
This contactor is tested and classified according to UL as an open-type device. This means that
the contactor is intended to be installed in an ultimate enclosure provided by a third party.
Furthermore, the contactor coil circuit is intended to be powered with a Class 2 source.
The contactor must be mounted onto a flat surface using the designated fixation holes in addition
to the cable lugs or busbars attached to the main connection terminals. It is not allowed to mount
the contactor using only busbars.
The contactor must be mounted in a way that the vertical axis of the part (Z-axis) is not in line
with the main shock axis of the application. Still, it must be mounted either upright standing or
horizontal lying on either side. Upside down mounting must be avoided. Only the original
mounting holes are allowed to be used to mount the part.
In case two contactors are mounted in proximity, a clearance distance of 10 mm must be kept.
It is forbidden to attach any kind of additional construction to or on the contactor.
During installation and operation of the contactor, it must be ensured that no foreign matter
adheres to the main connection terminals. Especially oils and silicones must be avoided.
The cable lugs or busbars to the main contacts must be securely tightened. Otherwise, current
stress may generate sparks and heating. Use only suitable tightening material (screws, bolts or
nuts) for all mechanical connections to the contactor and verify their functionality in the
application. The torque range recommended in the data sheet is suitable for multiple fixation; the
maximum torque is suited for one time fixation only.
Attached wires and plugs are not allowed to be used for lifting and handling the part (maximum
allowed pull-force is 10 N).
It is required to always use a suitable backup fuse for the contactor.
Contactors may become hot during extended periods of current overload (burn hazard).
The main connections of the contactor act as a heat sink. Please ensure that the surface of the
integrated busbar is covered with a matched cable lug or busbar on an area that is larger or equal
to 1.5 times the recommended cable or busbar cross section.
For continuous high current operation, make sure that the temperatures of the connection
terminals do not exceed 130 °C by selecting an appropriate cable or busbar cross section, or
active cooling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com