Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC50 Datasheet(PDF) 1 Page - EPCOS

Part # HVC50
Description  High-voltage contactor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

HVC50 Datasheet(HTML) 1 Page - EPCOS

  HVC50 Datasheet HTML 1Page - EPCOS HVC50 Datasheet HTML 2Page - EPCOS HVC50 Datasheet HTML 3Page - EPCOS HVC50 Datasheet HTML 4Page - EPCOS HVC50 Datasheet HTML 5Page - EPCOS HVC50 Datasheet HTML 6Page - EPCOS HVC50 Datasheet HTML 7Page - EPCOS HVC50 Datasheet HTML 8Page - EPCOS HVC50 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
High-voltage contactor
Gas-filled contactor for high-voltage DC switching
Series/Type:
HVC50
Ordering code:
B88269X*
Date:
2024-10-14
Version:
01
TDK Electronics AG 2024. Reproduction, publication and dissemination of this publication, enclosures hereto and the
information contained therein without TDK Electronics' prior express consent is prohibited.
Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then
change the color to "white". This ensures that the table disappears (invisible) for the customer PDF.
Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it!
Identification/Classification 1
(header 1 + top left bar):
High-voltage contactor
Identification/Classification 2
(header 2 + bottom left header bar):
Gas-filled contactor for high-voltage DC switching
Ordering code: (top right header bar)
B88269X*
Series/Type: (bottom right header bar)
HVC50
Preliminary data (optional):
Department:
PPD AB PD / PPD AB PM
Date:
2024-10-14
Version:
01


Similar Part No. - HVC50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVC50 ETC1-HVC50 Datasheet
71Kb / 2P
100mA SILICON CARTRIDGE RECTIFIERS
HVC50R ETC1-HVC50R Datasheet
71Kb / 2P
100mA SILICON CARTRIDGE RECTIFIERS
More results

Similar Description - HVC50

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
DH20 DONGYA-DH20 Datasheet
1Mb / 2P
High Voltage DC Contactor
DH100 DONGYA-DH100 Datasheet
1Mb / 2P
High Voltage DC Contactor
DH150 DONGYA-DH150 Datasheet
1Mb / 2P
High Voltage DC Contactor
DH200 DONGYA-DH200 Datasheet
1Mb / 2P
High Voltage DC Contactor
DH250 DONGYA-DH250 Datasheet
1Mb / 2P
High Voltage DC Contactor
logo
TE Connectivity Ltd
EV600 TEC-EV600 Datasheet
412Kb / 6P
Kilovac EV600 High Voltage Contactor
2373271-1 TEC-2373271-1 Datasheet
144Kb / 4P
KILOVAC K250 HIGH VOLTAGE DC CONTACTOR
logo
Littelfuse
DCNEV250 LITTELFUSE-DCNEV250 Datasheet
1Mb / 4P
DCNEV250 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEVT150 LITTELFUSE-DCNEVT150 Datasheet
1Mb / 3P
DCNEVT150 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNLEV100 LITTELFUSE-DCNLEV100 Datasheet
836Kb / 4P
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com