Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC50 Datasheet(PDF) 3 Page - EPCOS

Part # HVC50
Description  High-voltage contactor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

HVC50 Datasheet(HTML) 3 Page - EPCOS

  HVC50 Datasheet HTML 1Page - EPCOS HVC50 Datasheet HTML 2Page - EPCOS HVC50 Datasheet HTML 3Page - EPCOS HVC50 Datasheet HTML 4Page - EPCOS HVC50 Datasheet HTML 5Page - EPCOS HVC50 Datasheet HTML 6Page - EPCOS HVC50 Datasheet HTML 7Page - EPCOS HVC50 Datasheet HTML 8Page - EPCOS HVC50 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC50
PPD AB PD / PPD AB PM
Version: 01 / 2024-10-14
Please read Cautions and warnings and
Page 3 of 13
Important notes at the end of this document.
Specification 7
Type HVC50-…
400B
600B
750B
Contact
Maximum operating voltage
1500
V DC
Continuous carry current
Ith
Temporary overcurrent (10 min)
ICW1
Temporary overcurrent (1 min)
ICW2
400
500
650
600
750
1000
750
850
1000
A DC
A DC
A DC
Rated operational voltage 8, 9
Ue
Rated operational current 8, 9
Ie
Contact resistance at 100 A DC
- typical
- max.
Insulation resistance at 1000 V DC
- contact to contact / contact to coil
Dielectric strength
- contact to contact / contact to coil 10
1500
150
0.2
0.5
≥ 1
≥ 4400
V DC
A DC
mΩ
mΩ
GΩ
V AC
Operating time 11
- make
- break
≤ 50
≤ 30
ms
ms
Electrical endurance 9, 12, 13
Mechanical (make & break) 14
- max. 1 V DC, 1 A DC (make & break)
Capacitive (make)
- at 20 V DC, 200 A DC
Resistive (break) 15
- at 1000 V DC, 400 A DC
- at 1500 V DC, 150 A DC 8, 9
Maximum cut-off (break) 16, 17
- at 1500 V DC, 1000 A DC
300000
50000
1000
6000
1
operations
operations
operations
operations
operation
Coil 18
12 V
24 V
Rated control voltage (nominal)
Uc
Operating voltage range
U1 … U2
Pick-up voltage (max.)
U1
Drop-out voltage (min.)
Pick-up current (Inrush)
Power at nominal voltage 19
- run up
- steady state
Nominal resistance
- run up
- steady state
12
10 … 16
10
4
4.5
50
6
3
26
24
18 … 30
18
8
2.5
50
6
11.5
105
V DC
V DC
V DC
V DC
A
W
W
Ω
Ω
Auxiliary contact
Operating voltage range
Max. operating current
Max. resistance
1 … 24
1
500
V DC
A DC
mΩ
See “Notes” on page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com