Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC50 Datasheet(PDF) 2 Page - EPCOS

Part # HVC50
Description  High-voltage contactor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

HVC50 Datasheet(HTML) 2 Page - EPCOS

  HVC50 Datasheet HTML 1Page - EPCOS HVC50 Datasheet HTML 2Page - EPCOS HVC50 Datasheet HTML 3Page - EPCOS HVC50 Datasheet HTML 4Page - EPCOS HVC50 Datasheet HTML 5Page - EPCOS HVC50 Datasheet HTML 6Page - EPCOS HVC50 Datasheet HTML 7Page - EPCOS HVC50 Datasheet HTML 8Page - EPCOS HVC50 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC50
PPD AB PD / PPD AB PM
Version: 01 / 2024-10-14
Please read Cautions and warnings and
Page 2 of 13
Important notes at the end of this document.
General
The HVC50 series of DC contactors offer a variety of
features. Our customers deploy the HVC50 series in a
wide range of applications such as traction battery
systems, electrical energy storage systems (ESS), and DC
fast charging stations.
Features
Dual coil
Coil termination with TVS diode
Main terminals without polarity (bi-directional)
Auxiliary contact is a mirror contact (acc. to IEC 60947-4-1)
RoHS compatible
Characteristics 1
Contact arrangement
Inner contact material
Internal contact gap (full disconnection)
1A
Cu alloy
9.0 (2 × 4.5)
mm
Recommended connection conductor cross section 2
- for Ith = 400 A DC
- for Ith = 600 A DC
- for Ith = 750 A DC
≥ 200
≥ 300
≥ 300
mm²
mm²
mm²
Vibration in closed state, xyz axis
Shock, 6 ms ½ sine, peak 3
Wideband random vibration, 10 ... 1000 Hz 4
245
49
m/s2
m/s2RMS
Operation and storage 5
Temperature
Humidity
Air pressure
−40 ... +85
5 … 85
69 … 106
°C
%
kPa
Utilization category
IEC 60947-4-1
Pollution degree
IEC 60947-1
IP level
IEC 60529
Climatic category
IEC 60068-1
DC-1
2
40
40/085/21
Certifications
UKCA
CE
UL 60947-4-1 (E491412)
Weight 6
~ 1700
g
See “Notes” on page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com