Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS5 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SFS5
Description  AC-DC Converter Compact Miniature Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SFS5 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 11Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 12Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 13Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 14Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 15Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
Efficiency Curve(Input Voltage Variation)
Input (V)
85 V
110 V
220 V
264 V
Input (V)
85 V
110 V
220 V
264 V
Eff(%)
66.5%
68.8%
69.7%
68.3%
Eff(%)
73.8%
76.4%
76.6%
75.1%
SFS5 - 3R3
SFS5 - 5
Input (V)
85 V
110 V
220 V
264 V
Input (V)
85 V
110 V
220 V
264 V
Eff(%)
77.9%
80.1%
80.3%
78.5%
Eff(%)
79.0%
80.7%
79.5%
77.8%
SFS5 - 12
SFS5 - 15
Input (V)
85 V
110 V
220 V
264 V
Eff(%)
79.5%
81.2%
81.0%
78.5%
Variation of Efficiency, from Minimum input Voltage
to Maximum input Voltage
SFS5 - 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com