Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SFS5
Description  AC-DC Converter Compact Miniature Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SFS5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
Ordering information
SF□5-12□
Series name
If chassis mount type, 'C' added
S: single
Output voltage
D: dual
Output power
Input
Output1
Output2
Maximum
power
Ripple & Noise
Efficiency
typical
Model
number
3.3V@1.25A
4.125W
80mVp-p
68%
SFS5-3R3
5V@1.0A
5.0W
80mVp-p
75%
SFS5-5
12V@0.42A
5.0W
120mVp-p
77%
SFS5-12
15V@0.33A
5.0W
150mVp-p
77%
SFS5-15
24V@0.21A
5.0W
200mVp-p
77%
SFS5-24
+12V@0.21A
-12V@0.21A
5.0W
120/120mVp-p
72%
SFD5-1212
AC85~264V
or
DC110~340V
+15V@0.17A
-15V@0.17A
5.0W
150/150mVp-p
72%
SFD5-1515
Pin assignments
Derating curve
Single output
1. AC(N)
2. AC(L)
3. No pin
4. -V
5. +V
Dual output
1. AC(N)
2. AC(L)
3. -V
4. GND
5. +V
Dimensions
Chassis Mount Type
NOTES
1. All dimensions are inch(mm).
2. Weight : 40g or less
3. Case material : PBT, 94V-0 Rated
4. Construction : encapsulated, Soft Pot
5. Dimension "H"
0.6(15.24) for 5watt / SFS5,SFD5 version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com