Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SFS5
Description  AC-DC Converter Compact Miniature Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SFS5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
PCB mount type
Chassis mount type
• UL, CB, CE Approved
• RoHS directive compliance
• Encapsulated, compact case
• High efficiency
• Universal input
• Surface mounting technology
• 100 kHz fixed frequency
• Fixed output voltage
• Thermal shutdown(IC-Temp: 150 °C)
• Low output ripple & noise
• Isolated input-output(3kVAC)
• Over voltage protection(O.V.P.)
• Over current protection(O.C.P.)
• Output short circuit protection
• Low no-load power consumption(0.3W Max.)
• 5Years warranty
Description
The SFS5 Series has universal AC input and there are 5 models with single output and 2 models
with dual outputs which are all available in two different pin assignments – PCB mount or Chassis
mount. Super compact size with elegant design and high reliability are achieved. CEC compliant
design shows high efficiency and low no-load power consumption. A limited EMI filter is included
and an additional EMI filter to input side is required to meet CISPR22-B EMI Standard.
Environmental
Features
• Operating temperature range: -10℃~70℃
• Storage temperature range: -20℃~80℃
• Humidity: 20%~90%RH
• Vibration: 10-55Hz at 10G(98m/s²),
3minutes period, 60minutes each one X, Y
and Z axis
• Impact: 50G(490m/s²), 11ms, once each
• Cooling method: natural air convection
Safety (single output)
•UL (UL60950-1, CSA C 22.2 NO. 60950-1)
•UL No: E227474
•CE (EN 60950-1) / CB (IEC 60950-1)
Option
•Chassis mount type: Euro style terminal-block


Similar Part No. - SFS5

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFS5.0A SECOS-SFS5.0A Datasheet
340Kb / 3P
Voltage 5 V ~ 54V 200W Peak Power TVS
SFS51A SECOS-SFS51A Datasheet
340Kb / 3P
Voltage 5 V ~ 54V 200W Peak Power TVS
logo
Z-Communications, Inc
SFS5200A-LF ZCOMM-SFS5200A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
SFS5280A-LF ZCOMM-SFS5280A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer
SFS5280A-LF ZCOMM-SFS5280A-LF_11 Datasheet
77Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
More results

Similar Description - SFS5

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
AC/DC converter
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
logo
List of Unclassifed Man...
MG15 ETC2-MG15 Datasheet
960Kb / 3P
Compact and general use type Isolated type DC-DC converter
MGS152415 ETC2-MGS152415 Datasheet
1Mb / 20P
Compact and general use type Isolated type DC-DC converter
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
AC-DC / DC-DC Converter
logo
Bellnix Co.,Ltd.
BLA12 BELLNIX-BLA12 Datasheet
427Kb / 11P
Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
BLC05 BELLNIX-BLC05 Datasheet
568Kb / 11P
Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
BLC12 BELLNIX-BLC12 Datasheet
484Kb / 11P
Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com