Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS5 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SFS5
Description  AC-DC Converter Compact Miniature Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SFS5 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 11Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 12Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 13Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 14Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 15Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 16Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 17Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
Thermal Test
After power supply SFS5 Series was molded, and Components Thermal measurement. Operating the
power supply At normal temperature. Until the temperature of components is saturated. Maximum permitted
degree of components ascertains the margins. We will calculate the maximum operation degree. Degree of
ambient temperature rises up and load derates.
Test Voltage(V), 60Hz
90VAC
Δ℃
254VAC
Δ℃
REMARK
Tamb
24.6
24.9
Temperature T of part
1.
5Vdc
F1 Body
42.8
18.2
43.5
18.6
2.
L1 Body
38.7
14.1
37.6
12.7
3.
C1 Body
40.3
15.7
40.5
15.6
4.
D1
45.4
20.8
45.4
20.5
5.
Transformer coil
47.2
22.6
50.7
25.8
6.
Transformer core
46.5
21.9
50.0
25.1
7.
Inside Enclosure
44.8
20.2
47.6
22.7
8.
Outside Enclosure
42.0
17.4
44.0
19.1
9.
3.3Vdc Transformer coil
47.0
22.4
50.0
25.1
10.
Transformer core
47.1
22.5
50.3
25.4
11. 12Vdc Transformer coil
47.4
22.8
48.6
23.7
12.
Transformer core
46.6
22.0
47.2
22.3
13. 15Vdc
Transformer coil
46.7
22.1
51.7
26.8
14.
Transformer core
46.2
21.6
51.0
26.1
15. 24Vdc Transformer coil
44.3
19.7
48.4
23.5
16.
Transformer core
42.2
17.6
45.4
20.5
17. Ambient
24.6
0.0
24.9
0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com