Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS5 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # SFS5
Description  AC-DC Converter Compact Miniature Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button SFS5 Datasheet HTML 13Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 14Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 15Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 16Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 17Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 18Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 19Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 20Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
Instruction manual
1. Basic connection
3. Series Operation
Choose a diode in accordance with voltage,
power dissipation and heat radiation.
- Voltage : V > Vo × 3
- Current : I > Io × 3
- Design a proper heat sink according to
power loss at diode ( Pw = Vf × Io ).
- Use a schottky or fast recovery diode
this has a low VF.
NOTE: To avoid excessive voltage drop and for
improved noise, and short and thick wire should be
used to connect the load. Length below 50Cm & wire
thickness of 4.0A/mm
2 are recommended for reducing
wire loss when wire connection is necessary.
2. Parallel Operation
4. Over Current Protection
This supply can be operated the following ways.
Choose a diode in accordance with voltage, power
dissipation and heat radiation.
- Voltage : V > Vo × 3
- Current : I > Io × 3
- Design a proper heat sink according to power loss
at diode ( Pw = VF × Io )
- Use a schottky or fast recovery diode this has
a low VF.
Output current is grown, this is mainly due to
the poor coupling between the auxiliary winding
and the power winding. Which prevents proper
collapsing. When Vout goes low.
L
N
Input
AC85~264V
50~60Hz
GND
Output
Load
Load
+
+
+
-
-
-
Load
+
+
+
-
-
-
Load
Load
+
+
+
+
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com