Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SFS5
Description  AC-DC Converter Compact Miniature Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SFS5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
Inrush Current
TEST CONDITION
- 240Vac input
- Full load output
- PHASE 90°input start, current measure
SFS5-3R3 12.2A
SFS5-5 11.9A
SFS5-12 12.1A
SFS5-15 11.9A
SFS5-24 12.85A
Inrush current concerns wrong to fuse, input rectifier, power-
switch, circuit break and parts. It degrades the another circuit
voltage and occurs system error. If you defuse inrush current.
You add NTC or Inrush current limiter to external circuit.
High rating voltage input
Max20A @ 120Vac
Max40A @ 240Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com