Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SFS5
Description  AC-DC Converter Compact Miniature Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SFS5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
Electrical specifications
Voltage
AC85~264V (or DC 110~340V) 50/60Hz (note)
Current
0.15A Max. @ 110VAC / 0.08A Max. @ 220VAC
Frequency
47~440Hz Max. (50~60Hz typ.)
Efficiency
75% Typ.
Inrush current (at cold start)
20A Max. @ 120VAC. / 40A Max. @ 240VAC
INPUT
Leakage current
0.5mA Max. @ 110VAC / 0.75mA Max. @ 220VAC
Voltage tolerance (accuracy)
±2% Max (single and uncomplementary dual).
±3% Max (complementary dual).
Ripple and noise
±1% Typ.
Line regulation
±1% Typ.
Load regulation
±1% Typ.@output1 , ±2% Typ.@output2
Dynamic load regulation
±3% Typ.@output1
Temperature regulation
±1% Typ.
No-load power consumption
0.3W Max.
Rising time
100ms Max.
OUTPUT
Hold up time
10ms Min.
Protection circuit
Over voltage protection
Clamp, 130~150%
Over current protection
Works at over 105% of rating & recovers automatically
Over temperature protection
150℃ Latching, Recovering
Isolation specifications
Isolation Resistance
DC 500V, 100MOhms Min.
Input-Output Isolation Voltage
AC 3KV, 1minute, 10mA.
General specifications
Switching frequency
100kHz
Calculated MTBF
4.5*10
5 hrs
Weight
40g or less
NOTE: For cases that conform various safety specifications(UL, CSA, CE, CB etc). It require input
voltage and frequency range will be 100-240Vac, 50~60Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com