Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H400D Datasheet(PDF) 7 Page - OSRAM GmbH

Part # H400D
Description  POWERSTAR® HQI®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

H400D Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button H400D Datasheet HTML 3Page - OSRAM GmbH H400D Datasheet HTML 4Page - OSRAM GmbH H400D Datasheet HTML 5Page - OSRAM GmbH H400D Datasheet HTML 6Page - OSRAM GmbH H400D Datasheet HTML 7Page - OSRAM GmbH H400D Datasheet HTML 8Page - OSRAM GmbH H400D Datasheet HTML 9Page - OSRAM GmbH H400D Datasheet HTML 10Page - OSRAM GmbH H400D Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
TS 44842 OSRAM / POWERSTAR HQI 106 T001 GB
4/24.5.2007
HQI-T
HQI-T
HQI-T
2000 W
2000 W
2000 W
N
D
N
230 V
/I
without igniter
Type
ILCOS
MT-2000/44/2B-E-E40-100/430/P30
MT-2000/72/1A-E/I-E40-100/430/P30
MT-2000/40/2B-E/I-E40-100/430/P60
Lamp wattage
W
1900
2050
2000
Mains voltage
V
230
400
400
Lamp voltage
V
120
230
230
Ignition voltage min./max.
kVs
0.7
not reqd.
not reqd.
Lamp current
A
16.5
10.3
9.0
Nominal gear current
A
16.5
10.3
8.8
Nominal luminous flux
lm
190000
180000
200000
Luminous efficacy
lm/W
100
88
100
Light colour/Colour appearance
N
D
D
Colour temperature
K
4400
7250
4000
Colour rendering index
Ra
65
90
65
NIOSH Skin
h
> 19
> 42
> 10
ACGIH UV output
mW/lm² · 1000 lx
< 0.43
< 0.2
< 0.81
Base
E40
E40
E40
Diameter d
mm
100
100
100
Length max. I
mm
430
430
430
LCL a
mm
265
265
265
Burning position
p 30
p 30
p 60
Average lamp life
h
9000
9000
9000
Max. perm. outer bulb temp.
°C
500
500
500
Max. perm. base edge temp.
°C
250
250
250
PF corr. cap. at 50 Hz
µF
125
60
37
Lamp reference
HQI-T
HQI-T
HQI-T
2000W/N/230 V
2000W/D/I
2000W/N
EAN
4050300421582
4050300015446
4050300015347
Standard pack
Qty
4
4
4
Figure
No.
1
1
1
Circuit (see page 22)
Fig. no.
2
1
1
1
Survival rate HQI-T 2000 W D, D/I
Hours burned
2000
4000
6000
8000
0
100
90
80
70
60
50
Luminous flux behaviour HQI-T 2000 W, D/I
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
POWERSTAR® HQI®-T
Survival rate HQI-T 2000 W/N
Hours burned
2000
4000
6000
8000
0
100
90
80
70
60
50
Luminous flux behaviour HQI-T 2000 W/N
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com