Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H400D Datasheet(PDF) 5 Page - OSRAM GmbH

Part # H400D
Description  POWERSTAR® HQI®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

H400D Datasheet(HTML) 5 Page - OSRAM GmbH

  H400D Datasheet HTML 1Page - OSRAM GmbH H400D Datasheet HTML 2Page - OSRAM GmbH H400D Datasheet HTML 3Page - OSRAM GmbH H400D Datasheet HTML 4Page - OSRAM GmbH H400D Datasheet HTML 5Page - OSRAM GmbH H400D Datasheet HTML 6Page - OSRAM GmbH H400D Datasheet HTML 7Page - OSRAM GmbH H400D Datasheet HTML 8Page - OSRAM GmbH H400D Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
TS 44842 OSRAM / POWERSTAR HQI 106 T001 GB
4/24.5.2007
HQI-T
HQI-T
HQI-T
400 W
400 W
400 W
BLUE
GREEN
MAGENTA
Type
UVS
UVS
UVS
ILCOS
MT-400/BLUE/
MT-400/GREEN/
MT-400/MAGENTA/
H-E40-46/260/P55
H-E40-46/260/P55
H-E40-46/275/P55
Lamp wattage
W
360
360
440
Lamp voltage
V
120
120
120
Ignition voltage min./max.
kVs
3/5
3/5
4/5
Lamp current
A
3.6
3.6
4.2
Nominal gear current
A
3.5
3.5
4.6
Nominal luminous flux
lm
uncertain
uncertain
uncertain
Luminous efficacy
lm/W
uncertain
uncertain
uncertain
Light colour/Colour appearance
BLUE
GREEN
MAGENTA
Colour temperature
K
monochr.
monochr.
monochr.
Colour rendering index
Ra
–
–
–
NIOSH Skin
h
–
–
–
ACGIH UV output
mW/lm² · 1000 lx
–
–
–
Base
E40
E40
E40
Diameter d
mm
46
46
46
Length max. I
mm
275
275
275
LCL a
mm
175
175
175
Burning position
p 55
p 55
p 55
Average lamp life
h
–
–
–
Max. perm. outer bulb temp.
°C
500
500
500
Max. perm. base edge temp.
°C
250
250
250
PF corr. cap. at 50 Hz
µF
35
35
45
Lamp reference
HQI-T 400W BLUE
HQI-T 400W GREEN
HQI-T 400W MAGENTA
EAN
4050300575971
4050300575957
4050300649535
Standard pack
Qty
12
12
12
Figure
No.
1
1
1
Circuit (see page 22)
Fig. no.
2
2
2
Survival rate HQI 400 W Blue, Magenta, Green
Hours burned
1000
2000
3000
4000
0
100
90
80
70
60
50
1
POWERSTAR® HQI®-T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com