Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H400D Datasheet(PDF) 16 Page - OSRAM GmbH

Part # H400D
Description  POWERSTAR® HQI®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

H400D Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button H400D Datasheet HTML 12Page - OSRAM GmbH H400D Datasheet HTML 13Page - OSRAM GmbH H400D Datasheet HTML 14Page - OSRAM GmbH H400D Datasheet HTML 15Page - OSRAM GmbH H400D Datasheet HTML 16Page - OSRAM GmbH H400D Datasheet HTML 17Page - OSRAM GmbH H400D Datasheet HTML 18Page - OSRAM GmbH H400D Datasheet HTML 19Page - OSRAM GmbH H400D Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
TS 44842 OSRAM / POWERSTAR HQI 106 T001 GB
4/24.5.2007
POWERSTAR® HQI®-E
HQI-E
HQI-E
HQI-E
250 W
400 W
400 W
D
D
D
coated
coated
coated
Type
NAV-VG
HQI-VG
ILCOS
ME/UB-250/52/
ME/UB-400/53=55/
ME/UB-400/53=55/
1A-H-E40-90/226
1A-H-E40-120/290
1A-H-E40-120/290
Lamp wattage
W
250
460
400
Lamp voltage
V
100
130
110
Ignition voltage min./max.
kVs
3/5
3/5
3/5
Lamp current
A
3
3.8
3.6
Nominal gear current
A
4.6
3.5
Nominal luminous flux
lm
19000
34000
26000
Luminous efficacy
lm/W
78
81
72
Light colour/Colour appearance
D
D
D
Colour temperature
K
5200
5300
5500
Colour rendering index
Ra
90
90
90
NIOSH Skin
h
> 27
> 18
> 18
ACGIH UV output
mW/lm² · 1000 lx
< 0.31
< 0.46
< 0.46
Base
E40
E40
E40
Diameter d
mm
90
120
120
Length max. I
mm
226
290
290
LCL a
mm
–
–
–
Burning position
universal
universal
universal
Average lamp life
h
12000
12000
12000
Max. perm. outer bulb temp.
°C
400
400
400
Max. perm. base edge temp.
°C
250
250
250
PF corr. cap. at 50 Hz
µF
32
45
35
Lamp reference
HQI-E
HQI-E
HQI-E
250W/D
400W/D
400W/D
EAN
4050300015248
4050300019727
4050300019727
Standard pack
Qty
12
12
12
Figure
No.
1
1
1
Circuit (see page 22)
Fig. no.
2
2
2
1
Survival rate HQI 400 W/D
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
10000
12000
Luminous flux behaviour HQI 400 W/D
Hours burned
2000
4000
6000
8000
0
10000
12000
100
90
80
70
60
50
Survival rate HQI 250 W/D
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
10000
12000
Luminous flux behaviour HQI 250 W/D
Hours burned
2000
4000
6000
8000
0
10000
12000
100
90
80
70
60
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com