Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H400D Datasheet(PDF) 10 Page - OSRAM GmbH

Part # H400D
Description  POWERSTAR® HQI®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

H400D Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button H400D Datasheet HTML 6Page - OSRAM GmbH H400D Datasheet HTML 7Page - OSRAM GmbH H400D Datasheet HTML 8Page - OSRAM GmbH H400D Datasheet HTML 9Page - OSRAM GmbH H400D Datasheet HTML 10Page - OSRAM GmbH H400D Datasheet HTML 11Page - OSRAM GmbH H400D Datasheet HTML 12Page - OSRAM GmbH H400D Datasheet HTML 13Page - OSRAM GmbH H400D Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
TS 44842 OSRAM / POWERSTAR HQI 106 T001 GB
4/24.5.2007
POWERSTAR® HQI®-TS
HQI-TS
HQI-TS
1000 W
1000 W
NDL
D
/S
/S
Type
ILCOS
MN-1000/44/1B-H-cable lug-36/187/P15
MN-1000/59/1A-H-cable lug-36/187/P15/S15
Lamp wattage
W
1000
1000
Lamp voltage
V
120
120
Ignition voltage min./max.
kVs
4/5
4/5
Hot restrike
kVs
36
36
Lamp current
A
9.2
9.4
Nominal gear current
A
9.5
9.5
Nominal luminous flux
lm
90000
90000
Luminous efficacy
lm/W
90
90
Light colour/Colour appearance
NDL
D
Colour temperature
K
4400
5900
Colour rendering index
Ra
> 85
≥ 90
NIOSH Skin
h
> 15 min
> 5.5 min
ACGIH UV output
mW/lm² · 1000 lx
< 34
< 92
Base
cable
cable
Diameter d
mm
36
36
Insertion length l1
mm
157
157
Length max. I
mm
187
187
LCL a
mm
93
93
Burning position
p 15
p 15/s 15
Average lamp life
h
6000
6000
Max. perm. outer bulb temp.
°C
950
950
Max. perm. pinch temp.
°C
390
390
PF corr. cap. at 50 Hz
µF
85
85
Lamp reference
HQI-TS 1000W/NDL/S
HQI-TS 1000W/D/S
EAN
4050300349916
4050300300092
Standard pack
Qty
10
10
Figure
No.
1
1
Circuit (see page 22)
Fig. no.
2/3
2/3
l1
1
Survival rate HQI-TS 1000 W NDL, D/S
Hours burned
0
2000
4000
6000
100
90
80
70
60
50
Luminous flux behaviour HQI-TS 1000 W NDL, D/S
Hours burned
100
90
80
70
60
50
2000
4000
6000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com