Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H400D Datasheet(PDF) 11 Page - OSRAM GmbH

Part # H400D
Description  POWERSTAR® HQI®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

H400D Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button H400D Datasheet HTML 7Page - OSRAM GmbH H400D Datasheet HTML 8Page - OSRAM GmbH H400D Datasheet HTML 9Page - OSRAM GmbH H400D Datasheet HTML 10Page - OSRAM GmbH H400D Datasheet HTML 11Page - OSRAM GmbH H400D Datasheet HTML 12Page - OSRAM GmbH H400D Datasheet HTML 13Page - OSRAM GmbH H400D Datasheet HTML 14Page - OSRAM GmbH H400D Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
TS 44842 OSRAM / POWERSTAR HQI 106 T001 GB
4/24.5.2007
HQI-TS
HQI-TS
HQI-TS
HQI-TS
HQI-TS
2000 W
2000 W
2000 W
2000 W
2000 W
D
D
NDL
NDL
N
/S
/S/V
/S
/S/V
/L
Type
ILCOS
MN-2000/59/1A-E-
MN-2000/59/1A-H-
MN-2000/44/1B-E-
MN-2000/44/1B-H-
MN-2000/44/1B-E-
cable lug-36/187/P15
cable lug-36/187/S15
cable lug-36/187/P15
cable lug-36/187/S15
cable lug-36/187/P15
Lamp wattage
W
1950
1950
1950
1950
2150
Lamp voltage
V
205
205
205
205
220
Ignition voltage min./max.
kVs
4/5
4/5
4/5
4/5
4/5
Hot restrike
kVs
36
36
36
36
–
Lamp current
A
11.51)
11.31)
11.31)
11.31)
10.7
Nominal gear current
A
10.3
10.3
10.3
10.3
10.3
Nominal luminous flux
lm
200000
200000
200000
200000
230000
Luminous efficacy
lm/W
103
103
103
103
107
Light colour/Colour appearance
D
D
NDL
NDL
N
Colour temperature
K
5900
5900
4400
4400
4400
Colour rendering index
Ra
≥ 90
≥ 90
> 85
> 85
≥ 65
NIOSH Skin
h
> 15 min
> 15 min
> 3.4 min
ACGIH UV output
mW/lm² · 1000 lx
< 33
< 33
< 148
Base
cable
cable
cable
cable
cable
Diameter d
mm
36
36
36
36
32
Insertion length l1
mm
157
157
157
157
242
Length max. I
mm
187
187
187
187
275
LCL a
mm
93
93
93
93
137
Burning position
p 15
s 152)
p 15
s 152)
p 15
Average lamp life
h
4000
–
4000
–
8000
Max. perm. outer bulb temp.
°C
950
950
950
950
950
Max. perm. pinch temp.
°C
390
390
390
390
390
PF corr. cap. at 50 Hz
µF
60
60
60
60
60
Lamp reference
HQI-TS 2000W/D/S
HQI-TS 2000W/D/S/V
HQI-TS 2000W/NDL/S
HQI-TS 2000W/NDL/S/V
HQI-TS 2000W/N/L
EAN
4050300271682
4050300977232
4008321910196
4008321910202
4050300607344
Standard pack
Qty
10
10
10
10
10
Figure
No.
1
1
1
1
2
Circuit (see page 22)
Fig. no.
2/4
2/4
2/4
2/4
2/4
l1
1
2
l1
Survival rate HQI-TS 2000 W D/S
Hours burned
1000
2000
3000
4000
0
100
90
80
70
60
50
Luminous flux behaviour HQI-TS 2000 W D/S
Hours burned
100
90
80
70
60
50
1000
2000
3000
4000
0
POWERSTAR® HQI®-TS
1) Lamps may only be operated on
10.3 A chokes!
2) Lamps to be operated in axially symmetrical
luminaires only where the lamp is situated
along the axis.
For all 2000 W lamps:
Operation on 400 V supply voltage.
Survival rate HQI-TS 2000 W/N/L
100
90
80
70
60
50
Hours burned
2000
4000
8000
0
6000
100
90
80
70
60
50
Luminous flux behaviour HQI-TS 2000 W/N/L
Hours burned
2000
4000
8000
0
6000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com