Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H400D Datasheet(PDF) 18 Page - OSRAM GmbH

Part # H400D
Description  POWERSTAR® HQI®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

H400D Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button H400D Datasheet HTML 14Page - OSRAM GmbH H400D Datasheet HTML 15Page - OSRAM GmbH H400D Datasheet HTML 16Page - OSRAM GmbH H400D Datasheet HTML 17Page - OSRAM GmbH H400D Datasheet HTML 18Page - OSRAM GmbH H400D Datasheet HTML 19Page - OSRAM GmbH H400D Datasheet HTML 20Page - OSRAM GmbH H400D Datasheet HTML 21Page - OSRAM GmbH H400D Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
TS 44842 OSRAM / POWERSTAR HQI 106 T001 GB
4/24.5.2007
Please note:
The values and curves published in this document are
for guidance only. The basic data was determined under
controlled laboratory conditions for a switching cycle of
11 h on/1 h off.
There may be considerable differences in actual practice.
The highlighted areas around the curves represent a 0%
confidence range based on our test conditions.
NIOSH threshold and ACGIH UV output:
The radiated energy of a lamp is indicated by the defined
NIOSH curve.
The NIOSH effective radiated output calculated from this
is converted into permitted exposure times with defined
limit values.
The ACGIH UV output value correlates directly with the
NIOSH value and represents the current required value for
UV exposure.
PF correction capacitor:
The pf correction capacitors are designed so that
cos w ≥ 0. is achieved at rated voltage.
Operating instructions
Supply voltage:
The lamps must be connected via suitable control gear. A
240 V / 50 Hz ac supply is generally required. If a different
supply voltage is used (e.g. 400 V / 50 Hz) control gear
with appropriate taps must be used.
Permitted mains voltage deviation: ± 3%
Sudden fluctuations in mains voltage of more than 10%
may cause the lamps to go out.
If the deviation from rated supply voltage (20 V or 400 V)
is permanent, high-pressure discharge lamps may exhibit
changes in colour or luminous flux. Lamp life may also be
reduced.
Control gear:
Conventional control gear: Choke, igniter and pf correc-
tion capacitor.
The right igniter for the particular lamp type must be used
to ensure reliable and safe ignition.
Igniters must always be installed close to the lamp.
The choke may be installed any distance from the lamp,
provided the permissible voltage drop is not exceeded.
For power supplies with a neutral conductor the choke
should be connected to the live conductor. In the case of
luminaires in which there are no lamps installed, the igni-
tion equipment (igniter, ignition pulser) must be disabled
when voltage is applied otherwise the igniters may pro-
duce radio interference.
The chokes and pf correction capacitors generally needed
for operating discharge lamps may, under certain condi-
tions, create oscillating circuits. These circuits may then
produce excessive currents and voltages, which in turn
can destroy the lamps, ballasts and capacitors. Such
resonance phenomena must be avoided by appropriate
circuits and fuses.
When high-pressure discharge lamps come to the end of
their lives a rectifier effect may occur (see IEC 6205).
This is not manufacturer-specific. Because of the exces-
sive dc current components the ballasts and igniters may
become overheated.
High-pressure discharge lamps should therefore only be
operated with control gear with thermal protection.
This applies also to control gear with the option of power
reduction.
The following lamps with integrated igniters will start
on mains voltage:
c HQI®-T 2000 /D/I
c HQI®-T 2000 /N
The lamps must not be operated with integrated igniters
in luminaires equipped with igniters.
Suitable igniters and control gear for POWERSTAR® are
available from the electrical industry.
In the case of igniters equipped with OSRAM switching
element SE 600 (built-in spark gap), SE 600 must be
replaced each time the lamp is replaced.
Operating temperatures:
Only high-pressure discharge lamps with external
igniters are suitable for low-temperature applications
down to – 50 °C. Such applications call for special
(heatable) igniters such as MZN 400 SU-LT from BAG
Turgi (for lamps from 100 to 400 W).
Power factor:
CCG: Because of the series connected choke this is
around 0.5 to 0.7 (without compensation)
ECG: If POWERTRONIC® is used the power factor is
greater than 0.6. Compensation is therefore not
needed here.
Switching on:
Full luminous flux is reached only a few minutes after the
lamp is switched on. The start-up current may be up to
twice the operating current depending on the control gear.
(See also the graphs on p. 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com