Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H400D Datasheet(PDF) 19 Page - OSRAM GmbH

Part # H400D
Description  POWERSTAR® HQI®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

H400D Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button H400D Datasheet HTML 15Page - OSRAM GmbH H400D Datasheet HTML 16Page - OSRAM GmbH H400D Datasheet HTML 17Page - OSRAM GmbH H400D Datasheet HTML 18Page - OSRAM GmbH H400D Datasheet HTML 19Page - OSRAM GmbH H400D Datasheet HTML 20Page - OSRAM GmbH H400D Datasheet HTML 21Page - OSRAM GmbH H400D Datasheet HTML 22Page - OSRAM GmbH H400D Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
1
TS 44842 OSRAM / POWERSTAR HQI 106 T001 GB
4/24.5.2007
Fusing:
HQI® lamps must be protected by slow acting fuses. If
fuse wire is used it is sufficient for it to be rated at twice
the rated current of the lamp. If automatic cutouts are
used they should have characteristic “C”. If adjusted to
the upper limit value of 10 x rated current there will be
no triggering if fuse protection is at twice the rated lamp
current.
Restarting:
The lamps will restart only after they have cooled down
for 2 to 15 minutes.
For POWERSTAR® HQI®-TS = 1000 W and HQI®-TS
2000 /D/S, instant restarting is possible with suitable
igniters. The necessary surge voltage is 25 to 60 kVs.
Lampholders:
Because of the high voltages involved in ignition the
lampholders must be designed for these high voltages.
Lampholders that meet these requirements are available
from appropriate manufacturers.
Power reduction:
Dimming metal halide lamps is not recommended.
OSRAM cannot provide a guarantee for dimmed
lamps.
Dimming adversely affects colour rendering. The colour
location shifts towards colder light colours and the colour
spread increases. Dimmed lamps also tend to flicker. Lu-
minous flux maintenance is significantly worse as a result
of dimming. Dimming can shorten the life of the lamps.
End of life:
To protect the control gear and to avoid radio inter-
ference, high-pressure discharge lamps must be replaced
as soon as they come to the end of their life.
These lamps reach their end of life when
c the light colour of the lamp changes dramatically
c there is a significant loss of brightness
c the lamp no longer ignites
c the lamp starts to cycle (periodically goes out and
ignites again).
At end of lamp life the risk of a broken burner rises.
This phenomena is caused by effects not dependent on
the manufacturer like the rectifying effect mentioned ear-
lier. Because of this we strongly recommend to change
the lamp latest after average lifetime has been reached or
if one of the above mentioned effects are shown.
Notes on disposal:
All metal halide lamps contain small quantities of mercury.
If they break, poisonous mercury vapour may be released.
The lamps must be treated as waste requiring special
supervision with EEC code
20 01 21* for waste or residue
containing mercury and should be passed to a relevant
collection or recycling company.
Guarantee:
A guarantee can only made if suitable control gear is used
and the defined operating conditions are met.
Safety:
OSRAM high-pressure lamps meet the safety require-
ments defined in IEC 6205.
All HQI lamps up to 400 W are of UV-reduced design. The
lamp packaging will indicate this fact until there is any
change. Because of their high operating pressure all
HQI-lamps may only be used in fully enclosed luminaires
designed to take them:
c All HQI®-TS
c All HQI®-T
c All HQI®-E
≥ 250 W
As we cannot completely rule out the possibility of the
bulb bursting, luminaires for the lamps mentioned above
must be equipped with sealed shatter-proof shields that
can withstand wide fluctuations in temperature.
Operating lamps with a damaged outer bulb is dangerous
and therefore not permitted. Exception: HQI®-TS ...
without an outer bulb.
Lamp operation:
Operating high-pressure lamps for short periods in combi-
nation with frequent on/off switching will shorten their life.
This applies to both cold starting and hot restarts. The
lamps should be operated for at least  hours and should
remain off for at least 0 minutes. This applies in partic-
ular to HQI® = 1000 W.
Exceptions:
The following lamps
are suitable for open luminaires:
c All HQI®-E 70 W to 150 W
c All HQI®-E/P
The use of shields should be considered for safety
reasons in each case.
Luminaire design:
Luminaire design (thermal design and fuse protection)
should be based on the EN 6058-1 standard.
HQI® 1000 W to 2000 W lamps should be held without
pressure or by means of a lamp support close to the
base-free end.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com