Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F163 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST10F163
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F163 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST10F163 Datasheet HTML 7Page - STMicroelectronics ST10F163 Datasheet HTML 8Page - STMicroelectronics ST10F163 Datasheet HTML 9Page - STMicroelectronics ST10F163 Datasheet HTML 10Page - STMicroelectronics ST10F163 Datasheet HTML 11Page - STMicroelectronics ST10F163 Datasheet HTML 12Page - STMicroelectronics ST10F163 Datasheet HTML 13Page - STMicroelectronics ST10F163 Datasheet HTML 14Page - STMicroelectronics ST10F163 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
ST10F163
11/58
V.1 - Programming/erasing with ST Embedded
Algorithm Kernel
In order to secure flash programming and erasing
operations, and also to simplify the software
development for programming and erasing the
Flash, the ST10F163 Flash is programmed or
erased by executing a specific sequence of
instructions (called ‘Unlock Sequence’) with com-
mand and parameters loaded into GPRs. The
Unlock Sequence’ invokes embedded kernel rou-
tines that checks the validity of the parameters
provided by the user, and decodes the command
(programming or erasing) and executes it.
When performing a programming command, the
Embedded Algorithm Kernel automatically times
the program pulse widths (taking in account the
CPU period provided as a parameter by the user)
and verifies proper cell programming.
When performing an erasing command, the
Embedded
Algorithm
Kernel
automatically
pre-programs the bank to be erased if it is not
already programmed. During erase, the Embed-
ded Algorithm Kernel automatically times the
erase pulse widths (taking in account the CPU
period provided as a parameter by the user) and
verifies proper cell erasing.
To start a program/erase operation, the user’s
application must perform an ‘Unlock Sequence’ to
trigger the flash ST Embedded Algorithms Kernel
(STEAK). Before using STEAK, proper parame-
ters must be assigned through the R0-R4 regis-
ters. The R0 register is the command register. The
other registers handle the address and data to be
programmed or sector to be erased. Table 3
defines the command sequence. A definition of
the codes used in Table 3 is given in Table 4.
Note
The read status for registers R1 to R3 is not used except for the return values, refer to “Return values” on page 13
Table 3 : Command -parameters definition
COMMAND
R0
R1
R2
R3
R4
Single word programming
55Ash
AddOff
W
nu
2TCL
Double Word programming
DD4sh
AddOff
DWL
DWH
2TCL
Block programming
AA5sh
BegAddOff
EndAddOff
SourceAddr
2TCL
Sector Erasing
EEEEh
5555h
Bnk
Bnk
2TCL
Read Status
7777h
nu
nu
nu
2TCL
Table 4 : Code definition
Abbreviation
Definition
s
Segment of the target flash memory cell
AddOff
Segment Offset of the target flash memory cell which must be even an value (word-aligned address).
W
Data (word) to be written in flash.
DWL,DWH
Data (double word, DHL = low word, DWH = high word to be written in Flash,
BegAddOff
Segment Offset of the FIRST target flash memory word to be written in a multiple programming com-
mand. This value must be even (word-aligned address)
EndAddOff
Segment Offset of the LAST Target Flash Memory word to be written in a Multiple programming
command.
Must be even value (word-aligned address). The value D = (EndAddOff - BegAddOff) must be: 0 <=
D < 16384 (ie. up to one page (16 KBytes) can be written in the flash with one multi-word program-
ming command).
SourceAdd
Start address for the source data (block) to be programmed. This address uses implicitly the data
paging mechanism of the CPU. SourceAdd value must respect the rules:
- SourceAdd + (EndAddOff - BegAddOff) < 16384.
- Page 0 and 1 can NOT be used for source data if SYSCON bit ROMS1 = ‘1’
Note: source data can be located in flash (In pages 0, 1, 6, 7, 8, 9, 10 or 11 if bit ROMS1 = ‘0’, or in
pages 4, 5, 6, 7, 8, 9, 10 or 11 if bit ROMS1 = ‘1’.
Bnk
Number of the Bank to be erased. Note that for security, R2 and R3 must hold the same value.
2TCL
CPU clock period in nseconds (e.g. R4 = 40d means CPU frequency is 25MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com