Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F163 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST10F163
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F163 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST10F163 Datasheet HTML 35Page - STMicroelectronics ST10F163 Datasheet HTML 36Page - STMicroelectronics ST10F163 Datasheet HTML 37Page - STMicroelectronics ST10F163 Datasheet HTML 38Page - STMicroelectronics ST10F163 Datasheet HTML 39Page - STMicroelectronics ST10F163 Datasheet HTML 40Page - STMicroelectronics ST10F163 Datasheet HTML 41Page - STMicroelectronics ST10F163 Datasheet HTML 42Page - STMicroelectronics ST10F163 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
ST10F163
39/58
ALE falling edge to Latched CS
t38
CC
-4 - tA
10 - tA
-4 - tA
10 - tA
ns
Latched CS low to Valid Data In
t39
SR
40 + tC +
2tA
3TCL - 20
+tC +2tA
ns
Latched CS hold after RD, WR
t40
CC
46 + tF
3TCL - 14
+tF
–ns
ALE fall. edge to RdCS, WrCS (with RW delay)
t42
CC
16 + tA
TCL - 4 +
tA
–ns
ALE fall. edge to RdCS, WrCS (no RW delay)
t43
CC
-4 + tA
–-4 + tA
–ns
Address float after RdCS, WrCS (with RW delay)
t44
CC
–0–0
ns
Address float after RdCS, WrCS (no RW delay)
t45
CC
20
TCL
ns
RdCS to Valid Data In (with RW delay)
t46
SR
16 + tC
2TCL - 24
+tC
ns
RdCS to Valid Data In (no RW delay)
t47
SR
36 + tC
3TCL - 24
+tC
ns
RdCS, WrCS Low Time (with RW delay)
t48
CC
30 + tC
2TCL - 10
+tC
–ns
RdCS, WrCS Low Time (no RW delay)
t49
CC
50 + tC
3TCL - 10
+tC
–ns
Data valid to WrCS
t50
CC
26 + tC
–2TCL -
14+ tC
–ns
Data hold after RdCS
t51
SR
0–0–
ns
Data float after RdCS
t52
SR
20 + tF
2TCL - 20
+tF
ns
Address hold after RdCS, WrCS
t54
CC
20 + tF
2TCL - 20
+tF
–ns
Data hold after WrCS
t56
CC
20 + tF
2TCL - 20
+tF
–ns
Table 16 : Multiplexed bus characteristics (continued)
Parameter
Symbol
Max. CPU Clock
25 MHz
Variable CPU Clock
1/2TCL = 1 to 25MHz
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com