Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F163 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST10F163
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F163 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST10F163 Datasheet HTML 32Page - STMicroelectronics ST10F163 Datasheet HTML 33Page - STMicroelectronics ST10F163 Datasheet HTML 34Page - STMicroelectronics ST10F163 Datasheet HTML 35Page - STMicroelectronics ST10F163 Datasheet HTML 36Page - STMicroelectronics ST10F163 Datasheet HTML 37Page - STMicroelectronics ST10F163 Datasheet HTML 38Page - STMicroelectronics ST10F163 Datasheet HTML 39Page - STMicroelectronics ST10F163 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
ST10F163
36/58
The actual minimum value for TCL depends on
the jitter of the PLL. As the PLL is constantly
adjusting its output frequency so it corresponds to
the applied input frequency (crystal or oscillator)
the relative deviation for periods of more than one
TCL is lower than for one single TCL (see formula
and figure below).
For a period of
N * TCL the minimum value is
computed using the corresponding deviation DN:
where
N = number of consecutive TCLs and 1
≤ N
≤ 40. So for a period of 3 TCLs (N = 3):
This is especially important for bus cycles using
waitstates and e.g. for the operation of timers,
serial interfaces, etc. For all slower operations and
longer periods (e.g. pulse train generation or mea-
surement, lower baudrates, etc.) the deviation
caused by the PLL jitter is negligible (see
Figure 12).
XVI.4.8 - Memory cycle variables
The tables below use three variables which are
derived from the BUSCONx registers and repre-
sent the special characteristics of the pro-
grammed memory cycle. The following table
describes, how these variables are to be com-
puted.
TCL
min
TCL
NOM
*1
lD
N
l 100
⁄
)
–
(
=
D
N
4
N 15
) %
[]
⁄
–
(
±
=
D
3
43 15
⁄
–
=
3.8%
=
3TCL
min
3TCL
NOM
1
3.8 100
⁄
–
()
×
=
TCL
NOM
0.962
×
=
57.72nsec@f
CP U
25MHz
=
()
Description
Symbol
Values
ALE Extension
tA
TCL * <ALECTL>
Memory Cycle Time Waitstates
tC
2TCL * (15 - <MCTC>)
Memory Tristate Time
tF
2TCL * (1 - <MTTC>)
Figure 12 : Approximated maximum PLL jitter
32
16
8
4
2
±1
±2
±3
±4
Max.jitter [%]
N
This approximated formula is valid for
1 < N < 40 and 10MHz < fCPU < 25MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com