Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F163 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST10F163
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F163 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST10F163 Datasheet HTML 27Page - STMicroelectronics ST10F163 Datasheet HTML 28Page - STMicroelectronics ST10F163 Datasheet HTML 29Page - STMicroelectronics ST10F163 Datasheet HTML 30Page - STMicroelectronics ST10F163 Datasheet HTML 31Page - STMicroelectronics ST10F163 Datasheet HTML 32Page - STMicroelectronics ST10F163 Datasheet HTML 33Page - STMicroelectronics ST10F163 Datasheet HTML 34Page - STMicroelectronics ST10F163 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
ST10F163
31/58
XVI - ELECTRICAL CHARACTERISTICS
XVI.1 - Absolute maximum ratings
– Ambient temperature under bias (
TA): 0 to
+70
°C
– Storage temperature (
TST):– 65 to +150 °C
– Voltage on
VDD pins with respect to ground
(
VSS):– 0.5 to +6.5 V
– Voltage on any pin with respect to ground (
VSS):
–0.5 to
VDD +0.5 V
– Input current on any pin during overload condi-
tion: –10 to +10 mA
– Absolute sum of all input currents during over-
load condition:|100 mA|
– Power dissipation:1.5 W
Note
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not
guaranteed.
Exposure
to
absolute
maximum
rating
conditions for extended periods may affect device reliability.
During overload conditions (VIN>VDD or VIN<VSS)the
voltage on pins with respect to ground (VSS) must not
exceed the values defined by the Absolute Maximum
Ratings.
XVI.2 - Parameter Interpretation
The parameters listed in the Electrical Character-
istics tables, Table 15 to Table 18, give the charac-
teristics of the ST10F163 and its demands on the
system.
Where the ST10F163 logic provides signals with
their respective timing characteristics, the symbol
“CC” for Controller Characteristics, is included in
the “Symbol” column.
Where the external system must provide signals
with their respective timing characteristics, to the
ST10F163, the symbol “SR” for System Require-
ment, is included in the “Symbol” column.
XVI.3 - DC characteristics
VDD =5 V ± 10% VSS = 0 V Reset activeTA = 0 to +70°C
Table 15 : DC Characteristics
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Input low voltage
VIL
SR
– 0.5
0.2 VDD
–0.1
V–
Input high voltage
(all except RSTIN and XTAL1)
VIH
SR
0.2 VDD
+ 0.9
VDD + 0.5
V
–
Input high voltage RSTIN
VIH1
SR
0.7 VDD
VDD + 0.5
V
–
Input high voltage XTAL1
VIH2
SR
0.7 VDD
VDD + 0.5
V
–
Output low voltage1)
(PORT0, PORT1, Port 4, ALE, RD, WR,
BHE, CLKOUT, RSTOUT)
VOL
CC
–
0.45
V
IOL = 2.4 mA
Output low voltage1
(all other outputs)
VOL1
CC
–
0.45
V
IOL1 = 1.6 mA
Output high voltage 1
(PORT0, PORT1, Port 4, ALE, RD, WR,
BHE, CLKOUT, RSTOUT)
VOH
CC
0.9 VDD
2.4
–V
IOH =– 500 µA
IOH = –2.4 mA
Output high voltage 12) (all other outputs)
VOH1
CC
0.9 VDD
2.4
–V
V
IOH =– 250 µA
IOH = – 1.6 mA
Input leakage current (all other)
IOZ2
CC
–
±1
µA0 V < VIN <VDD
RSTIN pull-up resistor 3)
RRST
CC
50
250
K
Ω
–
Read/Write inactive current 4)
IRWH
5)
–
-40
µAVOUT = 2.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com