Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F163 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST10F163
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F163 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST10F163 Datasheet HTML 46Page - STMicroelectronics ST10F163 Datasheet HTML 47Page - STMicroelectronics ST10F163 Datasheet HTML 48Page - STMicroelectronics ST10F163 Datasheet HTML 49Page - STMicroelectronics ST10F163 Datasheet HTML 50Page - STMicroelectronics ST10F163 Datasheet HTML 51Page - STMicroelectronics ST10F163 Datasheet HTML 52Page - STMicroelectronics ST10F163 Datasheet HTML 53Page - STMicroelectronics ST10F163 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
ST10F163
50/58
XVI.4.12 - CLKOUT and READY
VDD =5 V ± 10%
VSS =0 V
TA = 0 to +70 °CCL = 100 pF
Table 18 : CLKOUT and READY characteristics
Parameter
Symbol
Max. CPU Clock
= 25MHz
Variable CPU Clock
1/2TCL = 1 to 25MHz
min.
max.
min.
max.
CLKOUT cycle time
t29
CC
40
40
2TCL
2TCL
ns
CLKOUT high time
t30
CC
14
–
TCL – 6
–
ns
CLKOUT low time
t31
CC
10
–
TCL – 10
–
ns
CLKOUT rise time
t32
CC
–4–4
ns
CLKOUT fall time
t33
CC
–4–4
ns
CLKOUT rising edge to ALE falling edge
t34
CC
0 + tA
10 + tA
0+ tA
10 + tA
ns
Synchronous READY setup time to CLKOUT
t35
SR
14
–14–
ns
Synchronous READY hold time after CLKOUT
t36
SR
4–4–
ns
Asynchronous READY low time
t37
SR
58
–
2TCL +
18
–ns
Asynchronous READY setup time
1)
t58
SR
14
–14–
ns
Asynchronous READY hold time
1)
t59
SR
4–4–
ns
Async. READY hold time after RD, WR high
(Demultiplexed Bus)
2)
t60
SR
0
0 + 2tA +
tC +tF
2)
0
TCL - 20
+2tA +tC
+tF
2)
ns
1. These timings are given for test purposes only, in order to assure recognition at a specific clock edge.
2. Demultiplexed bus is the worst case. For multiplexed bus 2TCL are to be added to the maximum values. This adds
even more time for deactivating READY.
The 2tA and tC refer to the next following bus cycle, tF refers to the current bus cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com