Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F163 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST10F163
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F163 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST10F163 Datasheet HTML 50Page - STMicroelectronics ST10F163 Datasheet HTML 51Page - STMicroelectronics ST10F163 Datasheet HTML 52Page - STMicroelectronics ST10F163 Datasheet HTML 53Page - STMicroelectronics ST10F163 Datasheet HTML 54Page - STMicroelectronics ST10F163 Datasheet HTML 55Page - STMicroelectronics ST10F163 Datasheet HTML 56Page - STMicroelectronics ST10F163 Datasheet HTML 57Page - STMicroelectronics ST10F163 Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
ST10F163
56/58
XVII - PACKAGE MECHANICAL DATA
XVIII - ORDERING INFORMATION
Figure 27 : Package outline TQFP100 (14 x 14 mm)
Dimensions
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.60
0.063
A2
1.35
1.40
1.45
0.053
0.055
0.057
D
15.75
16.00
16.25
0.620
0.630
0.640
D1
13.90
14.00
14.10
0.547
0.551
0.555
D3
12.00
0.472
E
15.75
16.00
16.25
0.620
0.630
0.640
E1
13.90
14.00
14.10
0.547
0.551
0.555
E3
12.00
0.472
e
0.50
0.020
Number of Pins
ND
25
NE
25
N
100
Salestype
Temperature range
Package
ST10F163BT1
0
°Cto 70°C
TQFP100 (14x 14)
76
100
50
D3
e
26
1
25
75
51
c
A1
A2
A
D1
D
K
0,25 mm
.010 inch
GAGE PLANE
0,075 mm
0.03 inch
SEATING PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com