Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F163 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST10F163
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F163 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST10F163 Datasheet HTML 11Page - STMicroelectronics ST10F163 Datasheet HTML 12Page - STMicroelectronics ST10F163 Datasheet HTML 13Page - STMicroelectronics ST10F163 Datasheet HTML 14Page - STMicroelectronics ST10F163 Datasheet HTML 15Page - STMicroelectronics ST10F163 Datasheet HTML 16Page - STMicroelectronics ST10F163 Datasheet HTML 17Page - STMicroelectronics ST10F163 Datasheet HTML 18Page - STMicroelectronics ST10F163 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
ST10F163
15/58
VI - EXTERNAL BUS CONTROLLER
All of the external memory accesses are per-
formed by a particular on-chip External Bus Con-
troller (EBC). It can be programmed either to
Single Chip Mode when no external memory is
required, or to one of four different external mem-
ory access modes:
– 16-/18-/20-/24-bit Addresses, 16-bit Data, De-
multiplexed
– 16-/18-/20-/24-bit Addresses, 16-bit Data, Multi-
plexed
– 16-/18-/20-/24-bit Addresses, 8-bit Data, Multi-
plexed
– 16-/18-/20-/24-bit Addresses,
8-bit Data, De-
multiplexed
In the demultiplexed bus modes, addresses are
output on PORT1 and data is input/output on
PORT0 or P0L, respectively. In the multiplexed
bus modes both addresses and data use PORT0
for input/output.
Important timing characteristics of the external
bus interface (Memory Cycle Time, Memory
Tri-State Time, Length of ALE and Read Write
Delay) have been made programmable. This
gives the choice of a wide range of different types
of memories and external peripherals. In addition,
up to 4 independent address windows may be
defined (via register pairs ADDRSELx / BUS-
CONx).
This gives access to different resources with dif-
ferent bus characteristics. These address win-
dows
are
arranged
hierarchically
where
BUSCON4 overrides BUSCON3 and BUSCON2
overrides BUSCON1.
All accesses to locations not covered by these 4
address windows are controlled by BUSCON0.
Up to 5 external CS signals (4 windows plus
default) can be generated in order to save external
glue logic. Access to very slow memories is sup-
ported via a particular ‘Ready’ function.
A HOLD/HLDA protocol is available for bus arbi-
tration so that external resources can be shared
with other bus masters. The bus arbitration is
enabled
by
setting
bit
HLDEN
in
register
SYSCON.
After
setting HLDEN
once,
pins
P6.7...P6.5 (BREQ, HLDA, HOLD) are automati-
cally controlled by the EBC. In Master Mode
(default after reset) the HLDA pin is an output.
By setting bit DP6.7 to’1’ the Slave Mode is
selected where pin HLDA is switched to input.
This allows to directly connect the slave controller
to another master controller without glue logic.
For applications which require less than 16
MBytes of external memory space, this address
space can be restricted to 1 MByte, 256 KByte or
to 64 KByte. In this case Port 4 outputs four, two
or no address lines at all. If an address space of
16 MBytes is used, it outputs all 8 address lines.
Note
When the on-chip SSP Module is to be used the segment
address output on Port 4 must be limi ted to 4 bits (i.e.
A19...A16) in order to enable the alternate function of the
SSP interface pins.
VI.1 - Programmable chip select timing control
The position of the CSx lines can be changed by
setting the CSCFG bit in the SYSCON register. By
default the CSx lines change half a CPU clock
cycle after the rising edge of ALE (20ns @ fCPU =
25 MHz). With the CSCFG bit set (section
Figure VII -), the CSx lines change with the rising
edge of ALE. In this case, the CSx lines and
address lines change at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com