Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6522V0MH Datasheet(PDF) 12 Page - STMicroelectronics

Part # VL6522V0MH
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VL6522V0MH Datasheet HTML 8Page - STMicroelectronics VL6522V0MH Datasheet HTML 9Page - STMicroelectronics VL6522V0MH Datasheet HTML 10Page - STMicroelectronics VL6522V0MH Datasheet HTML 11Page - STMicroelectronics VL6522V0MH Datasheet HTML 12Page - STMicroelectronics VL6522V0MH Datasheet HTML 13Page - STMicroelectronics VL6522V0MH Datasheet HTML 14Page - STMicroelectronics VL6522V0MH Datasheet HTML 15Page - STMicroelectronics VL6522V0MH Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Detailed description
VL6522
12/35
Typically, the visual effect is at its worst where the distance from the optical centre to the
edge of the image is at its maximum and manifests itself as the familiar ‘darkening of the
image corners’.
4.1.6
Channel offset
The channel offset module is used to add or subtract a programmable offset from each of
the four Bayer color channels of the incoming IDP. These offsets are typically used to
remove a data pedestal or cancel a dark offset introduced at an earlier stage in the pipe.
4.1.7
Channel gain
The channel gain module is used to apply a programmable gain to each of the four Bayer
color channels of input data. These gains are used as controls of Automatic Exposure
Control (AEC) and Automatic White Balance (AWB).
4.1.8
Defect correction
This function runs a defect correction filter over the data in order to remove defects from the
final output. This function has been optimized to attain the minimum level of defects from the
system.
4.1.9
Interpolation (demosaic)
The interpolation module converts Bayer pixel data to RGB and applies an anti-alias filter to
the data.
4.1.10
Color matrix
The color matrix correction transformation is performed on the outputs of the interpolation
module.
4.1.11
Sharpening
The sharpening module’s function is to add a certain amount of peaking components to the
original interpolated RGB. Indeed, the interpolation process involves a certain degree of
low-pass filtering that blurs the original sharpness of the image.
In order to realize 2-dimensional sharpness easily, the sharpening filter is only applied on
the green components (green carries the highest luma component). The output of the filter
is re-injected into the R, G, and B components from the matrix, via a process called coring.
4.1.12
Gamma correction
The gamma correction module applies a non-linear compensation to the IDP RGB data
stream in order to achieve correct reproduction of intensity on the host display.
4.1.13
RGB to YUV 422
Conversion of RGB to YUV 4:2:2. The YUV comprises luminance (Y) and chrominance (U
and V) components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com