Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6522V0MH Datasheet(PDF) 31 Page - STMicroelectronics

Part # VL6522V0MH
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VL6522V0MH Datasheet HTML 27Page - STMicroelectronics VL6522V0MH Datasheet HTML 28Page - STMicroelectronics VL6522V0MH Datasheet HTML 29Page - STMicroelectronics VL6522V0MH Datasheet HTML 30Page - STMicroelectronics VL6522V0MH Datasheet HTML 31Page - STMicroelectronics VL6522V0MH Datasheet HTML 32Page - STMicroelectronics VL6522V0MH Datasheet HTML 33Page - STMicroelectronics VL6522V0MH Datasheet HTML 34Page - STMicroelectronics VL6522V0MH Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
VL6522
Package mechanical data
31/35
Note:
1
Optical- LGA stands for Optical Land Grid Array.
2
The optical centre of the imaging array is the same as the mechanical centre of the LGA
package. This allows for easy alignment of the lens to the imaging array.
I
4.05
3.95
4.15
J4.1
K0.3
PHI
5°4°6°
z1.65
L
0.8
0.7
0.9
bbb
0.01
ccc
0.1
ddd
0.08
eee
0.08
nD
9
nE
9
n36
Table 23.
POA for optical 36LGA 10X10X1.9 0.8 (continued)
Reference
Data book (mm)
Typ.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com