Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6522V0MH Datasheet(PDF) 19 Page - STMicroelectronics

Part # VL6522V0MH
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VL6522V0MH Datasheet HTML 15Page - STMicroelectronics VL6522V0MH Datasheet HTML 16Page - STMicroelectronics VL6522V0MH Datasheet HTML 17Page - STMicroelectronics VL6522V0MH Datasheet HTML 18Page - STMicroelectronics VL6522V0MH Datasheet HTML 19Page - STMicroelectronics VL6522V0MH Datasheet HTML 20Page - STMicroelectronics VL6522V0MH Datasheet HTML 21Page - STMicroelectronics VL6522V0MH Datasheet HTML 22Page - STMicroelectronics VL6522V0MH Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
VL6522
Register description
19/35
5.3
Firmware control registers
5.3.1
ID codes
5.3.2
Misc controls
5.3.3
Exposure controls
Table 11.
ID codes
Index
IDCodes(1) register
1.
This data is stored in little endian format: the LSB is located at the lower index.
0x8008
idVendor
Default value
0x0553
Purpose
Vendor identification
Type
UINT_16
Possible values
0x0000 to 0xffff (1)
0x800a
idProduct
Default value
0x0522
Purpose
Product identification
Type
UINT_16
Possible values
0x0000 to 0xffff (1)
Table 12.
Misc controls
Index
MiscControls register
0x84dc
fDisableVideoClassGUI
Default value
0x00
Purpose
Disables the GUI
Type
FLAG_e
Possible values
<0x00> GUI enabled
<0x01> GUI disabled
Table 13.
Exposure controls
Index
ExposureControls register
0x8510
bAntiFlickerMode
Default value
<0> AntiFlickerMode_Inhibit
Purpose
Anti flicker mode
Type
CODED
Possible values
<0> AntiFlickerMode_Inhibit
<1> AntiFlickerMode_ManualEnable
<2>AntiFlickerMode_AutomaticEnable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com