Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6522V0MH Datasheet(PDF) 28 Page - STMicroelectronics

Part # VL6522V0MH
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VL6522V0MH Datasheet HTML 24Page - STMicroelectronics VL6522V0MH Datasheet HTML 25Page - STMicroelectronics VL6522V0MH Datasheet HTML 26Page - STMicroelectronics VL6522V0MH Datasheet HTML 27Page - STMicroelectronics VL6522V0MH Datasheet HTML 28Page - STMicroelectronics VL6522V0MH Datasheet HTML 29Page - STMicroelectronics VL6522V0MH Datasheet HTML 30Page - STMicroelectronics VL6522V0MH Datasheet HTML 31Page - STMicroelectronics VL6522V0MH Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Electrical characteristics
VL6522
28/35
6.4
AC electrical characteristics
6.4.1
USB2.0 interface
Conforms to the USB2.0 chapter 7.1.
6.4.2
External crystal
The primary reason for choosing the crystal frequency and tolerance is because of the USB
data rate. To comply with the USB2.0 specification, when in high speed mode (480 Mb/s),
the bit accuracy has to be +/- 500 ppm.
It is recommended to use a crystal with a frequency of 12 MHz and a frequency accuracy of
+/- 100 ppm or better.
6.4.3
RESETN
After RESETN is pulsed low (during power up for example), the device shall start up in it’s
default condition. This will include reading the EEPROM, if fitted.
During startup, the RESETN line should be held low for between 100 µs and 50 ms after the
supplies are stable. On the reference design board, an RC circuit is used to delay the rise of
RESETN using values of 470 k
Ωand 100 nF. This gives a delay of approximately 20 ms
between VDD3IO reaching 3 V and the device coming out of reset.
6.4.4
I2C Interface
The VL6522 can be used as a I2C master. By writing to the video class extension units on
the device over usb, the SDA & SCL pins can be controlled. This allows the slaving of such
devices as servos, EEPROMs or any device with an I2C interface. More detail on this
interface can be found in section
4.3.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com