Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6522V0MH Datasheet(PDF) 16 Page - STMicroelectronics

Part # VL6522V0MH
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VL6522V0MH Datasheet HTML 12Page - STMicroelectronics VL6522V0MH Datasheet HTML 13Page - STMicroelectronics VL6522V0MH Datasheet HTML 14Page - STMicroelectronics VL6522V0MH Datasheet HTML 15Page - STMicroelectronics VL6522V0MH Datasheet HTML 16Page - STMicroelectronics VL6522V0MH Datasheet HTML 17Page - STMicroelectronics VL6522V0MH Datasheet HTML 18Page - STMicroelectronics VL6522V0MH Datasheet HTML 19Page - STMicroelectronics VL6522V0MH Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Register description
VL6522
16/35
5.2
Hardware control registers
5.2.1
Status
5.2.2
SETUP register
5.2.3
MAN_SPEC_AV register
Table 6.
Status
Index
Status register [read only]
0x0002
REVISION_NUMBER
Default value
0x04
Purpose
Identifies the cut of silicon(1)
Type
BYTE
Possible values
<0x00> Cut 1.0
<0x01> Cut 1.1
<0x02> Cut 1.2
<0x03> Cut 1.3
<0x04> Cut 1.4
1.
This document refers to cut 1.4 of silicon.
Table 7.
SETUP register
Index
SETUP register
0x0002
IMAGE_ORIENTATION
Default value
0x00
Purpose
Selects the orientation of the image
Type
BYTE
Possible values
<0x00> Normal
<0x01> Horizontal flip (mirrored)
<0x02> Vertical flip
<0x03> Horizontal & vertical flip
Table 8.
MAN_SPEC_AV register
Index
MAN_SPEC_AV register
0x322a
R2_COEFF
Default value
0x04
Purpose
Radial R2 anti-vignetting (lens shading) coefficient, to allow lightening
and darkening of image corners (for special effects, as well as standard
av compensation).
Type
BYTE
Possible values
-127 to 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com