Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6522V0MH Datasheet(PDF) 21 Page - STMicroelectronics

Part # VL6522V0MH
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VL6522V0MH Datasheet HTML 17Page - STMicroelectronics VL6522V0MH Datasheet HTML 18Page - STMicroelectronics VL6522V0MH Datasheet HTML 19Page - STMicroelectronics VL6522V0MH Datasheet HTML 20Page - STMicroelectronics VL6522V0MH Datasheet HTML 21Page - STMicroelectronics VL6522V0MH Datasheet HTML 22Page - STMicroelectronics VL6522V0MH Datasheet HTML 23Page - STMicroelectronics VL6522V0MH Datasheet HTML 24Page - STMicroelectronics VL6522V0MH Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
VL6522
Register description
21/35
5.3.5
Frame dimension parameter host inputs
5.3.6
White balance controls
Table 15.
Frame dimension parameter host inputs
Index
FrameDimensionParameterHostInputs register
0x85fa
bLightingFrequency_Hz
Default value
0x64
Purpose
AC Frequency - used for flicker free time period calculations this mains
frequency determines the flicker free time period.
Type
BYTE
Possible values
0 to 255
Note: The value is double the desire frequency in Hz.
i.e. 0x64 = 100 which equates to 50 Hz.
Table 16.
White balance controls
Index
WhiteBalanceControls register
0x8652
bMode
Default value
0x00
Purpose
Disables the GUI
Type
CODED
Possible values
<0> OFF - No White balance, all gains will be unity in this mode
<1> AUTOMATIC - Automatic mode, relative step is computed here
<3> MANUAL_RGB - User manual mode, gains are applied manually
<4> DAYLIGHT_PRESET - DAYLIGHT and all the modes below, fixed
value of gains are applied here.
<5> TUNGSTEN_PRESET
<6> FLUORESCENT_PRESET
<7> HORIZON_PRESET
<8> MANUAL_COLOUR_TEMP
<9> FLASHGUN_PRESET
0x8653
bManualRedGain
Default value
0x00
Purpose
User setting for Red Channel gain.
Type
BYTE
Possible values
0 to 255
Applied_Red_Gain = (1 + bManualRedGain / 128) / MinGain
Where MinGain = the smallest value from either Applied_Red_Gain,
Applied_Green_Gain or Applied_Blue_Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com