Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6522V0MH Datasheet(PDF) 27 Page - STMicroelectronics

Part # VL6522V0MH
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VL6522V0MH Datasheet HTML 23Page - STMicroelectronics VL6522V0MH Datasheet HTML 24Page - STMicroelectronics VL6522V0MH Datasheet HTML 25Page - STMicroelectronics VL6522V0MH Datasheet HTML 26Page - STMicroelectronics VL6522V0MH Datasheet HTML 27Page - STMicroelectronics VL6522V0MH Datasheet HTML 28Page - STMicroelectronics VL6522V0MH Datasheet HTML 29Page - STMicroelectronics VL6522V0MH Datasheet HTML 30Page - STMicroelectronics VL6522V0MH Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
VL6522
Electrical characteristics
27/35
6.3
DC electrical characteristics
Note:
Over operating conditions unless otherwise specified.
Table 21.
DC electrical characteristics (non-characterized data, guide values only)
Symbol
Description
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low voltage
-0.3
TBD
0.3 VDD3IO
V
VIH
Input high voltage
0.7
VDD3IO
TBD
VDD3IO +
0.3
V
VOL
Output low voltage
IOL < 2.29 mA
TBD
TBD
0.4 VDD
V
VOH
Output high voltage
IOH < 1.48 mA
2.6
TBD
TBD
V
IIL
Input leakage current
Input pins
I/O pins
0 < VIN < VDD
TBD
TBD
+/- 10
+/- 1
µA
µA
CIN
Input capacitance, SCL
TA = 25° C, freq = 1 MHz
TBD
TBD
TBD
pF
COUT
Output capacitance
TA = 25 °C, freq = 1 MHz
TBD
TBD
TBD
pF
CI/O
I/O capacitance, SDA
TA = 25 °C, freq = 1 MHz
TBD
TBD
TBD
pF
Table 22.
Typical current consumption (non-characterised data, guide values only)
Symbol
Description
Suspend
Active(1)
Video(2)
Video +
Audio(3)
Units
IVDD5
Total 5 V supply to device
0.1
0.1
9.5
14.7
mA
I3V3total
Total 3.3 V supply to device
0.3
7.2
14.5
16.3
mA
I1V8total
Total 1.8 V supply to device
0.0
28.6
44.1
45.1
mA
1.
VL6522, enumerated but not streaming
2.
VL6522, streaming 30 fps VGA
3.
VL6522, streaming 30 fps VGA and streaming audio
Note:
Note: Total current drawn on single 5 V input is 0.38 mA in suspend mode. This assumes
transistors are in place to provide the 3.3 V & 1.8 V from the single 5 V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com