Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17510EJ. Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MPC17510EJ.
Description  1.2 A 15 V H-Bridge motor driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC17510EJ. Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MPC17510EJ. Datasheet HTML 12Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 13Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 14Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 15Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 16Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 17Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 18Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 19Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
NXP Semiconductors
19
17510
8
Revision history
Revision
Date
Description of changes
2.0
7/2006
• Implemented a Revision History page.
• Converted to Freescale format, and updated to the prevailing form and style
• Added EJ Pb-FREE package
3.0
1/2007
• Corrected symbol in Table 3, Driver Output ON Resistance from “W” to “
Ω”
4.0
11/2013
• Corrected pin names to match throughout the document
• Corrected minor errors in format. No change in technical content
• Moved data sheet to Technical Data status
5.0
7/2015
• Added 98ASA00887D package information and updated tables where applicable
• Added MPC17510AEJ to the ordering information
• Updated as per PCN # 16724
8/2015
• Corrected the 98A package information for 20-pin TSSOP
6.0
10/2015
• Added EP notation for TSSOP package
• Fixed notations for TSSOP in Orderable parts and Pin connections
• Updated Packaging 98A drawing for TSSOP
• Removed MPC17510MTB parts from the data sheet. No longer manufactured.
7/2016
• Updated
to NXP document form and style



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com