Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17510EJ. Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC17510EJ.
Description  1.2 A 15 V H-Bridge motor driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC17510EJ. Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC17510EJ. Datasheet HTML 2Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 3Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 4Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 5Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 6Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 7Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 8Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 9Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
NXP Semiconductors
17510
4.1
Static electrical characteristics
Table 4. Static electrical characteristics
Characteristics noted under conditions TA = 25 °C, VM = 15 V, VDD = 5.0 V, GND = 0 V, unless otherwise noted. Typical values noted
reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes
Power
VM
Motor Supply Voltage
2.0
–
15
V
VDD
Logic Supply Voltage
4.0
–
5.5
V
C1, C2, C3
Capacitor for Charge Pump
0.001
–
0.1
μF
I
VMSTBY
I
VDDSTBY
Standby Power Supply Current
• Motor Supply Standby Current
• Logic Supply Standby Current
–
–
–
0.3
1.0
1.0
μA
mA
(8)
IVDD
Logic Supply Current
–
3.3
4.0
mA
(9)
VDDDET
VMDET
Low Voltage Detection Circuit
• Detection Voltage (VDD)
• Detection Voltage (VM)
1.5
4.0
2.5
5.0
3.5
6.0
V
(10)
RDS(on)
Driver Output ON Resistance
• VM = 2.0 V, 8.0 V, 15 V
–
0.45
0.55
W
(11)
Gate drive
VCRES
Gate Drive Voltage
• No Current Load
12
13
13.5
V
(12)
VCRESLOAD
Gate Drive Ability (Internally Supplied)
• ICRES = -1.0 mA
10
11.2
–
V
VGOUTHIGH
VGOUTLOW
Gate Drive Output
• IOUT = -50 μA
• IIN = 50 μA
VCRES-0.5
LGND
VCRES - 0.1
LGND +0.1
VCRES
LGND+0.5
V
Control logic
VIN
Logic Input Voltage (EN, IN1, IN2, GIN)
0.0
–
VDD
V
VIH
VIL
IIH
IIL
IIL
Logic Input Function (4.0 V < VDD < 5.5 V)
• High Level Input Voltage
• Low Level Input Voltage
• High Level Input Current
• Low Level Input Current
• EN/GIN Pin
VDD x 0.7
–
–
-1.0
-200
–
–
–
–
-50
–
VDDx 0.3
1.0
–
–
V
V
μA
μA
μA
Notes
8.
Excluding pull-up resistor current, including current of gate-drive circuit.
9.
fIN = 100 kHz.
10.
Detection voltage is defined as when the output becomes high-impedance after VDD drops below the detection threshold. When the gate voltage
VCRES is applied from an external source, VCRES = 7.5 V.
11.
IO = 1.2 A source + sink.
12.
Input logic signal not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com