Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17510EJ. Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC17510EJ.
Description  1.2 A 15 V H-Bridge motor driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC17510EJ. Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC17510EJ. Datasheet HTML 1Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 2Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 3Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 4Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 5Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 6Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 7Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 8Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
NXP Semiconductors
17510
3
Pin connections
Figure 3. 17510 pin connections
3.1
Pin definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 9.
Table 2. 17510 pin definitions
Pin number
24-Pin TSSOPW
Pin number
20-Pin TSSOP
Pin Name
Formal Name
Definition
1, 5
1,4
OUT1
Output 1
Driver output 1 pins
2
2
LGND
Logic Ground
Logic ground
3
3
CRES
Charge Pump Output
Capacitor Connection
Charge pump reservoir capacitor pin
4, 7, 20, 22
—
NC
No Connect
No connection to these pins
17, 18
15, 16
OUT2
Output 2
Driver output 2 pins
6, 19
5, 17
PGND
Power Ground
Power ground
8, 21
6, 18
VM
Motor Drive Power
Supply
Motor power supply voltage input pins
9
7
IN1
Input Control 1
Control signal input 1 pin
10
8
IN2
Input Control 2
Control signal input 2 pin
11
9
C1H
Charge Pump 1H
Charge pump bucket capacitor 1 (positive pole)
12
10
C1L
Charge Pump 1L
Charge pump bucket capacitor 1 (negative pole)
13
11
C2L
Charge Pump 2L
Charge pump bucket capacitor 2 (negative pole)
14
12
C2H
Charge Pump 2H
Charge pump bucket capacitor 2 (positive pole)
15
13
GOUT
Gate Driver Output
Output gate driver signal to external MOSFET switch
16
14
EN
Enable Control
Enable control signal input pin
23
19
VDD
Logic Supply
Control circuit power supply pin
24
20
GIN
Gate Driver Input
LOW = True control signal for GOUT pin
GIN
NC
PGND
OUT2
OUT2
EN
GOUT
C2H
C2L
VDD
NC
VM
OUT1
OUT1
PGND
NC
VM
IN1
IN2
C1L
LGND
CRES
NC
C1H
24
20
19
18
17
16
15
13
23
22
21
14
5
6
7
8
9
10
11
12
2
3
4
1
24-Pin TSSOPW
20-Pin TSSOP
Transparent
top view
OUT1
LGND
CRES
OUT1
PGND
VM
IN1
IN2
C1H
C1L
GIN
VDD
VM
OUT2
EN
GOUT
C2H
C2L
PGND
OUT2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com