Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17510EJ. Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPC17510EJ.
Description  1.2 A 15 V H-Bridge motor driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC17510EJ. Datasheet(HTML) 1 Page - NXP Semiconductors

  MPC17510EJ. Datasheet HTML 1Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 2Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 3Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 4Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 5Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 6Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 7Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 8Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Document Number: MPC17510
Rev. 6.0, 7/2016
NXP Semiconductors
Technical Data
© 2016 NXP B.V.
1.2 A 15 V H-Bridge motor driver IC
The 17510 is a monolithic H-Bridge designed to be used in portable electronic
applications such as digital and SLR cameras to control small DC motors.
The 17510 can operate efficiently with supply voltages as low as 2.0 V to as high
as 15 V. Its low RDS(on) H-Bridge output MOSFETs (0.45 Ω typical) can provide
continuous motor drive currents of 1.2 A and handle peak currents up to 3.8 A.
It is easily interfaced to low-cost MCUs via parallel 5.0 V compatible logic. The
device can be pulse width modulated (PWMed) at up to 200 kHz.
This device contains an integrated charge pump and level shifter (for gate drive
voltages), integrated shoot-through current protection (cross-conduction
suppression logic and timing), and undervoltage detection and shutdown
circuitry.
The 17510 has four operating modes: Forward, Reverse, Brake, and Tri-stated
(high-impedance). This device is powered by SMARTMOS technology.
Features
•2.0 V to 15 V continuous operation
• Output current 1.2 A (DC), 3.8 A (peak)
•450 m
Ω RDS(on) H-Bridge MOSFETs
•5.0 V TTL-/CMOS-compatible inputs
• PWM frequencies up to 200 kHz
• Undervoltage shutdown
• Cross-conduction suppression
Figure 1. 17510 simplified application diagram
H-BRIDGE MOTOR DRIVER
EJ Suffix (Pb-Free)
98ASH70455A
24-LEAD TSSOP
17510
EJ Suffix (Pb-Free)
98ASA00887D
20-pin TSSOP
with exposed pad
VDD
CRES
C1L
C1H
C2L
C2H
IN2
IN1
EN
OUT2
OUT1
GOUT
VM
GND
MCU
GIN
MOTOR
5.0 V
15 V
17510


Similar Part No. - MPC17510EJ.

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
MPC17510EJ/R2 FREESCALE-MPC17510EJ/R2 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
MPC17510EJ/R2 FREESCALE-MPC17510EJ/R2 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
More results

Similar Description - MPC17510EJ.

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
17510 FREESCALE-17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
17511A FREESCALE-17511A Datasheet
222Kb / 16P
1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
1.0 A 6.8 V H-Bridge Motor Driver IC
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com