Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17510EJ. Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPC17510EJ.
Description  1.2 A 15 V H-Bridge motor driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC17510EJ. Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPC17510EJ. Datasheet HTML 5Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 6Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 7Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 8Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 9Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 10Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 11Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 12Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NXP Semiconductors
9
17510
5
Functional description
5.1
Introduction
The 17510 is a monolithic H-Bridge power IC applicable to small DC motors used in portable electronics. The 17510 can operate efficiently
with supply voltages as low as 2.0 V to as high as 15 V, and it can provide continuos motor drive currents of 1.2 A while handling peak
currents up to 3.8 A. It is easily interfaced to low-cost MCUs via parallel 5.0 V-compatible logic. The device can be pulse width modulated
(PWM-ed) at up to 200 kHz. The 17510 has four operating modes: Forward, Reverse, Brake, and Tri-stated (High-impedance).
Basic protection and operational features (direction, dynamic braking, PWM control of speed and torque, main power supply undervoltage
detection and shutdown, logic power supply undervoltage detection and shutdown), in addition to the 1.0 A rms output current capability,
make the 17510 a very attractive, cost-effective solution for controlling a broad range of small DC motors. In addition, a pair of 17510
devices can be used to control bipolar stepper motors. The 17510 can also be used to excite transformer primary windings with a switched
square wave to produce secondary winding AC currents.
As shown in Figure 2, 17510 simplified internal block diagram, page 3, the 17510 is a monolithic H-Bridge with built-in charge pump
circuitry. For a DC motor to run, the input conditions need to be set as follows: ENable input logic HIGH, one INput logic LOW, and the
other INput logic HIGH (to define output polarity). The 17510 can execute dynamic braking by setting both IN1 and IN2 logic HIGH, causing
both low-side MOSFETs in the output H-Bridge to turn ON. Dynamic braking can also implemented by taking the ENable logic LOW. The
output of the H-Bridge can be set to an open-circuit high-impedance (Z) condition by taking both IN1 and IN2 logic LOW. (refer to Table
6, Truth table, page 8).
The 17510 outputs are capable of providing a continuous DC load current of up to 1.2 A. An internal charge pump supports PWM
frequencies to 200 kHz. The EN pin also controls the charge pump, turning it off when EN = LOW, thus allowing the 17510 to be placed
in a power-conserving sleep mode.
5.2
Functional pin description
5.2.1
Output 1 and output2 (OUT1, OUT2)
The OUT1 and OUT2 pins provide the connection to the internal power MOSFET H-Bridge of the IC. A typical load connected between
these pins would be a small DC motor. These outputs will connect to either VM or PGND, depending on the states of the control inputs
(refer to Table 6, Truth table, page 8).
5.2.2
Power ground and logic ground (PGND, LGND)
The power and logic ground pins (PGND and LGND) should be connected together with a very low-impedance connection.
5.2.3
Charge pump reservoir capacitor (CRES)
The CRES pin provides the connection for the external reservoir capacitor (output of the charge pump). Alternatively this pin can also be
used as an input to supply gate-drive voltage from an external source via a series current-limiting resistor. The voltage at the CRES pin
will be approximately three times the VDD voltage, as the internal charge pump utilizes a voltage tripler circuit. The VCRES voltage is used
by the IC to supply gate drive for the internal power MOSFET H-Bridge.
5.2.4
Motor supply voltage input (VM)
The VM pins carry the main supply voltage and current into the power sections of the IC. This supply then becomes controlled and/or
modulated by the IC as it delivers the power to the load attached between OUT1 and OUT2. All VM pins must be connected together on
the printed circuit board with as short as possible traces offering as low impedance as possible between pins.
VM has an undervoltage threshold. If the supply voltage drops below the undervoltage threshold, the output power stage switches to a
tri-state condition. When the supply voltage returns to a level that is above the threshold, the power stage automatically resumes normal
operation according to the established condition of the input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com