Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17510EJ. Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC17510EJ.
Description  1.2 A 15 V H-Bridge motor driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC17510EJ. Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC17510EJ. Datasheet HTML 6Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 7Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 8Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 9Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 10Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 11Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 12Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 13Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
NXP Semiconductors
17510
5.2.5
Control signal input and enable control signal input (IN1, IN2, EN)
The IN1, IN2, and EN pins are input control pins used to control the outputs. These pins are 5.0 V CMOS-compatible inputs with hysteresis.
The IN1, IN2, and EN work together to control OUT1 and OUT2 (refer to Table 6, Truth table).
5.2.6
Gate driver input (GIN)
The GIN input controls the GOUT pin. When GIN is set logic LOW, GOUT supplies a level-shifted high side gate drive signal to an external
MOSFET. When GIN is set logic HIGH, GOUT is set to GND potential.
5.2.7
Charge pump bucket capacitor (C1L, C1H, C2L, C2H)
These two pairs of pins, the C1L and C1H and the C2L and C2H, connect to the external bucket capacitors required by the internal charge
pump. The typical value for the bucket capacitors is 0.1
μF.
5.2.8
Gate driver output (GOUT)
The GOUT output pin provides a level-shifted, high side gate drive signal to an external MOSFET with CISS up to 500 pF.
5.2.9
Control circuit power supply (VDD)
The VDD pin carries the 5.0 V supply voltage and current into the logic sections of the IC. VDD has an undervoltage threshold. If the supply
voltage drops below the undervoltage threshold, the output power stage switches to a tri-state condition. When the supply voltage returns
to a level that is above the threshold, the power stage automatically resumes normal operation according to the established condition of
the input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com