Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17510EJ. Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPC17510EJ.
Description  1.2 A 15 V H-Bridge motor driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC17510EJ. Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPC17510EJ. Datasheet HTML 7Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 8Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 9Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 10Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 11Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 12Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 13Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 14Page - NXP Semiconductors MPC17510EJ. Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NXP Semiconductors
11
17510
6
Typical applications
Figure 6 shows a typical application for the 17510.
Figure 6. 17510 typical application diagram
6.1
CEMF snubbing techniques
Care must be taken to protect the IC from potentially damaging CEMF spikes induced when commutating currents in inductive loads.
Typical practice is to provide snubbing of voltage transients by placing a capacitor or zener at the supply pin (VM) (see Figure 7).
Figure 7. CEMF snubbing techniques
MCU
17510
5.0 V
GND
C1L
C1H
C2L
C2H
CRES
EN
GIN
IN1
IN2
VM
VDD
Motor
GOUT
Solenoid
OUT1
OUT2
17510
5.0 V
15 V
C1L
C1H
C2L
C2H
CRES
VM
V
DD
OUT1
OUT2
GND
17510
5.0 V
15 V
C1L
C1H
C2L
C2H
CRES
VM
VDD
OUT1
OUT2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com