Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513FMM6 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST52F513FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513FMM6 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST52F513FMM6 Datasheet HTML 61Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 62Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 63Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 64Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 65Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 66Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 67Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 68Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 106 page
background image
ST52F510/F513/F514
65/106
10 10-BIT A/D CONVERTER
10.1 Introduction
ST52F510/F513/F514 A/D Converter is a 10-bit
analog to digital converter with up to 8 analog
inputs.
The
A/D
converter
offers
a
typical
conversion time of 10
µs in fast mode and of 20 µs
in slow mode. This period also includes the time of
the integral Sample and Hold circuitry, which
minimizes the need for external components and
allows quick sampling of the signal for the
minimum warping effect and integral conversion
error.
In addition the peripheral performs a calibration
procedure in order to get the maximum precision
allowed in the data of conversion. The calibration
procedure is performed in two phases: the pre-
charging phase and the tuning phase. The pre-
charging process can be executed, after the
peripheral start, to set-up the internal references
and to speed-up the tuning process. The tuning
process
is
carried-out
during
the
channels
conversion.
Note: The user must be take in account both the
pre-charging time and some dummy conversion (at
least 20) for the tuning before starting the data
acquisition. It is recommended to repeat this
procedure at the start-up and after a long time
peripheral stop.
Figure 10.1 A/D Converter Structure
The pre-charging process starts by starting the
peripheral by setting to 1 the STR bit of the AD_CR
Configuration
Register.
To
speed-up
the
calibration procedure, the pre-charging phase can
be skipped when not necessary (for example when
consecutive single conversions are performed).
The user can disable the pre-charging by setting
the PRECH bit in the AD_CR Configuration
Register.
The A/D peripheral converts the input voltage with
a process of successive approximations using a
fixed clock frequency derived from the 10 MHz
internal oscillator, divided by a factor that depends
on the speed mode: about 1.6 MHz in Fast Mode
and 800 kHz in Slow Mode. The speed mode is
chosen by the SCK bit of the AD_CR Configuration
Register.
The conversion range is found between the analog
VSS and the A/D VREF references. The VREF can
be either internal, derived from the VDD, or external
by using the VREF pin. The external reference
voltage allows the application of more precise and
stable reference voltages. The two modes are
selected by using the REF bit of the AD_CR
Configuration Register.
Remark: the voltage applied to the VREF pin must
be in the range VSS-VDD.
The external reference voltage VREF is applied to
the analog pin PB0. This pin shares the alternate
functions with the first analog channel Ain0: if the
CONFIGURATION REGISTERS
CONTROL
LOGIC
ANALOG
MUX
Ain0
Ain1
Ain2
Ain3
Ain4
Ain5
Ain6
Ain7
VREF
VDD
AUTO-ZERO /
AUTO-CALIBRATION
COMPARATOR
SUCCESSIVE
APPROXIMATION
REGISTER
SAMPLE
&
HOLD
DAC
RESISTIVE
REFERENCE
LADDER
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
STATUS REGISTER
INPUT REGISTERS
V
REF
SUCCESSIVE APPROXIMATION A/D CONVERTER
INT1
REF
CH0
CH1
CH2
: 6
: 12
Internal
Oscillator
10 MHz
A/D
clock
SCK
SEQ
POW
STR
CONT
INT0
RESOL
PRECH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com