Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513FMM6 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST52F513FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513FMM6 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST52F513FMM6 Datasheet HTML 56Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 57Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 58Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 59Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 60Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 61Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 62Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 63Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 106 page
background image
ST52F510/F513/F514
60/106
9 INSTRUCTION SET
ST52F510/F513/F514 supplies 107 (98 + 9 Fuzzy)
instructions that perform computations and control
the device. Computational time required for each
instruction consists of one clock pulse for each
Cycle plus 2 clock pulses for the decoding phase.
Total computation time for each instruction is
reported in Table 9.1
The ALU of ST52F510/F513/F514 can perform
multiplication
(MULT)
and
division
(DIV).
Multiplication is performed by using 8 bit operands
storing the result in 2 registers (16 bit values), see
Figure 2.3.
Division is performed between a 16 bit dividend
and an 8 bit divider, the result and the remainder
are stored in two 8-bit registers (see Figure 2.4).
9.1 Addressing Modes
ST52F510/F513/F514
instructions
allow
the
following addressing modes:
s
Inherent: this instruction type does not require
an operand because the opcode specifies all the
information necessary to carry out the
instruction. Examples: NOP, SCF.
s
Immediate: these instructions have an operand
as a source immediate value. Examples: LDRC,
ADDI.
s
Direct: the operands of these instructions are
specified with the direct addresses. The
operands can refer (according to the opcode) to
addresses belonging to the different addressing
spaces. Example: SUB, LDRE.
s
Indirect: data addresses that are required are
found in the locations specified as operands.
Both source and/or destination operands can be
addressed indirectly. The operands can refer,
(according to the opcode) to addresses
belonging to different addressing spaces.
Examples: LDRR(reg1),(reg2);
LDER mem_addr,(reg1).
s
Bit Direct: operands of these instructions directly
address the bits of the specified Register File
locations. Examples: BSET, BTEST.
9.2 Instruction Types
ST52F510/F513/F514
supplies
the
following
instruction types:
s
Load Instructions
s
Arithmetic and Logic Instructions
s
Bitwise instructions
s
Jump Instructions
s
Interrupt Management Instructions
s
Control Instructions
The instructions are listed in Table 9.1
Table 9.1 Instruction Set
Load Instructions
Mnemonic
Instruction
Bytes
Cycles
Z
S
C
BLKSET
BLKSET const
2
(*)
-
-
-
GETPG
GETPG regx
2
7
-
-
-
LDCE
LDCE confx,memy
3
8/9
-
-
-
LDCI
LDCI confx, const
3
7
-
-
-
LDCNF
LDCNF regx, conf
3
7
-
-
-
LDCR
LDCR confx, regy
3
8
-
-
-
LDER
LDER memx, regy
3
10
-
-
-
LDER
LDER (regx),(regy)
3
11
-
-
-
LDER
LDER (regx), regy
3
10
-
-
-
LDER
LDER memx,(regy)
3
11
-
-
-
LDFR
LDFR fuzzyx, regy
3
8
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com