Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513FMM6 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST52F513FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513FMM6 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST52F513FMM6 Datasheet HTML 51Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 52Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 53Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 54Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 55Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 56Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 57Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 58Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 106 page
background image
ST52F510/F513/F514
55/106
Bit 7-0: PBI7-0 Port B Input data
The logical level applied in the Port B pins,
configured as digital input, can be achieved by
reading this register.
Port C Data Input Register (PORT_C_IN)
Input Register 2 (02h) Read only
Reset Value: XXXX XXXX
Note: This register is not used in 16/20 pin devices
Bit 7-6: Not Used
Bit 5-0: PCI5-0 Port C Input data
The logical level applied in the Port C pins,
configured as digital input, can be achieved by
reading this register.
7.6.3 Output Registers.
Port A Data Output Register (PORT_A_OUT)
Output Register 0 (00h) Write only
Reset Value: 0000 0000 (00h)
Bit 7-0: PAO7-0 Port A Output data
The logical values written in these register bits are
put in the Port A pins configured as digital output.
Port B Data Output Register (PORT_B_OUT)
Output Register 1 (01h) Write only
Reset Value: 0000 0000 (00h)
(*) Not used in 16/20 pin package devices
(**) Not used in 16 pin package devices
Bit 7-0: PBO7-0 Port B Input data
The logical values written in these register bits are
put in the Port B pins configured as digital output.
Port C Data Output Register (PORT_C_OUT)
Output Register 2 (02h) Write only
Reset Value: 0000 0000 (00h)
Note: This register is not used in 16/20 pin devices
Bit 7-6: Not Used
Bit 5-0: PCO5-0 Port C Input data
The logical values written in these register bits are
put in the Port C pins configured as digital output.
70
-
-
PCI5
PCI4
PCI3
PCI2
PCI1
PCI0
70
PAO7
PAO6
PAO5
PAO4
PAO3
PAO2
PAO1
PAO0
70
PBO7*
PBO6*
PBO5**
PBO4**
PBO3**
PBO2**
PBO1
PBO0
70
-
-
PCO5
PCO4
PCO3
PCO2
PCO1
PCO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com