Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513FMM6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST52F513FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513FMM6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST52F513FMM6 Datasheet HTML 40Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 41Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 42Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 43Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 44Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 45Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 46Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 47Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 106 page
background image
ST52F510/F513/F514
44/106
6 CLOCK, RESET & POWER SAVING MODES
6.1 Clock
The
ST52F510/F513/F514
Clock
Generator
module generates the internal clock for the internal
Control Unit, ALU and on-chip peripherals. The
Clock is designed to require a minimum of external
components.
ST52F510/F513/F514 devices supply the internal
oscillator in four clock modes:
s
External oscillator
s
External clock
s
External RC oscillator
s
Internal clock
The device always starts in internal clock mode,
excluding any external clock source. After the
start-up phase the clock is configured according to
the user definition programmed in the Option Byte
0 (OSC_CR). The internal clock generator can
supply an internal clock signal with a fixed
frequency of 10 MHz ± 1%, without the need for
external components. In order to obtain the
maximum
accuracy,
the
frequency
can
be
calibrated by configuring the related Option byte 2
(OSC_SET).
The external oscillator mode uses a quartz crystal
or a ceramic resonator connected to OSCin and
OSCout as illustrated in Figure 6.1. This figure also
illustrates the connection of an external clock.
The
ST52F510/F513/F514
oscillator
circuit
generates an internal clock signal with the same
period and phase as the OSCIN input pin. The
maximum frequency allowed is 24 MHz.
When the external oscillator is used, the loop gain
can be adapted to the various frequencies values
by configuring the three bits of the Option Byte 1
CLK_SET (see Register Decription, Table 6.2).
When an external clock is used, it must be
connected to the pin OSCIN while OSCOUT can
be floating. In this case, Option Byte 1 bits must be
written with 0 (000).
The crystal oscillator start-up time is a function of
many variables: crystal parameters (especially
Rs),
oscillator
load
capacitance
(CL),
IC
parameters, environment temperature and supply
voltage.
The
crystal
or
ceramic
leads
and
circuit
connections must be as short as possible. Typical
values for CL1, CL2 are 10pF for a 20 MHz crystal.
The clock signal can also be generated by an
external RC circuit offering additional cost savings.
Figure 6.1 illustrates the possible connections.
Frequency is a function of resistor, capacitance,
supply voltage and operating temperature; some
indicative values when Vdd=5V and T=25°, are
shown in Table 6.1.
The clock signal generates two internal clock
signals: one for the CPU and one for the
peripherals. The CPU clock frequency can be
reduced, in order to decrease current consuption,
by setting the CPU_CLK Configuration Register 46
(02Eh). The CPU clock can be reduced up to 64
times (see Register Description).
Figure 6.1 Oscillator Connections
OSCin
OSCout
ST FIVE
OSCin
ST FIVE
OSCout
CRYSTAL CLOCK
EXTERNAL CLOCK
Cl1
10pF
Cl2
10pF
CLOCK
INPUT
OSCin
ST FIVE
OSCout
RC CIRCUIT CLOCK
Vdd
Vss
RC
Table 6.1 RC Oscillator indicative frequencies
C (pF)
R(
Ω)
fosc (KHz)
Variation
20 pF
9.5K
5000
6.6%
10K
4870
7.1%
20K
3000
5.3%
50K
1360
3.3%
100K
724
2.8%
100 pF
10K
1720
7.5%
20K
926
8%
50K
424
11.2%
100K
248
15%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com