Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513FMM6 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST52F513FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513FMM6 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST52F513FMM6 Datasheet HTML 72Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 73Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 74Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 75Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 76Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 77Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 78Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 79Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 106 page
background image
ST52F510/F513/F514
76/106
PWM/Timer 0 Counter Low Input Register
(PWM0_COUNT_IN_L)
Input Register 22 (016h) Read only
Reset Value: 0000 0000 (00h)
Bit 7-0: T0CI7-0 PWM/Timer 0 Counter MSB
In this register the current value of the Timer 0
Counter LSB can be read.
PWM/Timer 0 Status Register (PWM0_STATUS)
Input Register 23 (017h) Read only
Reset Value: 0000 0000 (00h)
Bit 7-4: Not Used
Bit 3: T0OVFL PWM/Timer 0 counter overflow flag
0: no overflow occurred since last reset
1: overflow occurred
Bit 2: T0OUT T0OUT pin value
0: T0OUT pin is at logical level 0
1: T0OUT pin is at logical level 1
Bit 1: T0RST Reset Status
0: PWM/Timer 0 is reset
1: PWM/Timer 0 is set
Bit 0: T0SST Start Status
0: PWM/Timer 0 is stopped
1: PWM/Timer 0 is running
PWM/Timer 0 Capture High Input Register
(PWM0_CAPTURE_H)
Input Register 24 (018h) Read only
Reset Value: 0000 0000 (00h)
Bit 7-0: T0CP15-8 PWM/Timer 0 Capture MSB
In this register the counter value after the last stop
can be read.
PWM/Timer 0 Capture Low Input Register
(PWM0_CAPTURE_L)
Input Register 25 (019h) Read only
Reset Value: 0000 0000 (00h)
Bit 7-0: T0CP7-0 PWM/Timer 0 Capture LSB
In this register the counter value after the last stop
can be read.
12.5.3 PWM/Timer 0 Output Registers.
PWM/Timer 0 Counter High Output Register
(PWM0_COUNT_OUT_H)
Output Register 7 (07h) Write only
Reset Value: 0000 0000 (00h)
Bit 7-0: T0CO15-8 PWM/Timer 0 Counter MSB
This register is used to write the Timer 0 Counter
value (MSB).
Note: this register is latched after writing the LSB
part (PWM_COUNT_OUT_L: see below). For this
reason this register must be written before the
LSB.
PWM/Timer 0 Counter Low Output Register
(PWM0_COUNT_OUT_L)
Output Register 8 (08h) Write only
Reset Value: 0000 0000 (00h)
70
T0CI7
T0CI6
T0CI5
T0CI4
T0CI3
T0CI2
T0CI1
T0CI0
70
-
-
-
-
T0OVFL T0OUT
T0RST
T0SST
70
T0CP15 T0CP14 T0CP13 T0CP12 T0CP11 T0CP10
T0CP9
T0CP8
70
T0CP7
T0CP6
T0CP5
T0CP4
T0CP3
T0CP2
T0CP1
T0CP0
70
T0CO15 T0CO14 T0CO13 T0CO12 T0CO11 T0CO10
T0CO9
T0CO8
70
T0CO7
T0CO6
T0CO5
T0CO4
T0CO3
T0CO2
T0CO1
T0CO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com