Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513FMM6 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST52F513FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513FMM6 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST52F513FMM6 Datasheet HTML 25Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 26Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 27Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 28Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 29Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 30Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 31Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 32Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 106 page
background image
ST52F510/F513/F514
29/106
Table 3.4 Configuration Registers
Mnemonic
Description
Address
INT_MASK
Interrupt Mask Register
0
00h
INT_POL
Interrupts Polarity
1
01h
INT_PRL_H
Interrupt Priority Register (higher priority)
2
02h
INT_PRL_M
Interrupt Priority Register (medium priority)
3
03h
INT_PRL_L
Interrupt Priority Register (lower priority)
4
04h
USTP_H
User Stack Top Pointer (MSB)
5
05h
USTP_L
User Stack Top Pointer (LSB)
6
06h
WDT_CR
Watchdog Configuration Register
7
07h
AD_CR1
10-bit A/D Converter Control Register 1
8
08h
PWM0_CR1
PWM/Timer 0 Configuration Register 1
9
09h
PWM0_CR2
PWM/Timer 0 Configuration Register 2
10
0Ah
PWM0_CR3
PWM/Timer 0 Configuration Register 3
11
0Bh
PWM1_CR1
PWM/Timer 1 Configuration Register 1
12
0Ch
PWM1_CR2
PWM/Timer 1 Configuration Register 2
13
0Dh
-
Not Used
14
0Eh
-
Not Used
15
0Fh
I2C_CR
I2C Interface Control Register
16
010h
I2C_CCR
I2C Interface Clock Control Register
17
011h
I2C_OAR1
I2C Interface Own Address Register 1
18
012h
I2C_OAR2
I2C Interface Own Address Register 2
19
013h
SPI_CR
Serial Peripheral Interface Control Register
20
014h
SPI_STATUS_CR
Serial Peripheral Interface Control-Status Register
21
015h
SCI_CR1
Serial Communication Interface Control Register 1
22
016h
SCI_CR2
Serial Communication Interface Control Register 2
23
017h
PORT_A_PULLUP
Port A Pull Up enable/disable Register
24
018h
PORT_A_OR
Port A Option Register
25
019h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com