Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F513FMM6 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST52F513FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F513FMM6 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST52F513FMM6 Datasheet HTML 48Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 49Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 50Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 51Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 52Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 53Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 54Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 55Page - STMicroelectronics ST52F513FMM6 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 106 page
background image
ST52F510/F513/F514
52/106
7.6.1 Configuration Registers.
Port A Pull-Up Register (PORT_A_PULLUP)
Configuration Register 24 (018h) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7-0: PUA7-0 Port A pull-up (see Table 7.1)
0: Port A pin without pull-up
1: Port A pin with pull-up
Port A Option Register (PORT_A_OR)
Configuration Register 25 (019h) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7-0: ORA7-0 Port A option (see Table 7.1)
Port A Data Direction Register (PORT_A_DDR)
Configuration Register 26 (01Ah) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7-0: DDRA7-0 Port A direction (see Table 7.1)
0: Port A pin configured as input
1: Port A pin configured as output
Port A Alternate Fuction (PORT_A_AF)
Configuration Register 27 (01Bh) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7: AFA7 Alternate Function PA7
0: Digital I/O
1: INT
Bit 6: AFA6 Alternate Function PA6
0: Digital I/O
1: T0OUT
Bit 5: AFA5 Alternate Function PA5
0: Digital I/O
1: TCLK
Bit 4: AFA4 Alternate Function PA4
0: Digital I/O
1: TSTRT
Bit 3: AFA3 Alternate Function PA3
0: Digital I/O
1: TRES
Bit 2: AFA2 Alternate Function PA2
0: Digital I/O
1: T1OUT
Bit 1: AFA1 Alternate Function PA1
0: Digital I/O
1: SDA
Bit 0: AFA0 Alternate Function PA0
0: Digital I/O
1: SCL
70
PUA7
PUA6
PUA5
PUA4
PUA3
PUA2
PUA1
PUA0
70
ORA7
ORA6
ORA5
ORA4
ORA3
ORA2
ORA1
ORA0
70
DDRA7
DDRA6
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
70
AFA7
AFA6
AFA5
AFA4
AFA3
AFA2
AFA1
AFA0
Table 7.1 Pin mode configuration
MODE
PU
OR
DDR
Input high impedance
0
0
0
Input with pull-up
1
0
0
Interrupt without pull-up
0
1
0
Interrupt with pull-up
1
1
0
Output push-pull
0
0
1
Output with pull-up
1
0
1
Output open drain
0
1
1
Output weak pull-up
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com