Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70235A Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST70235A
Description  ASCOTTM DMT TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70235A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST70235A Datasheet HTML 3Page - STMicroelectronics ST70235A Datasheet HTML 4Page - STMicroelectronics ST70235A Datasheet HTML 5Page - STMicroelectronics ST70235A Datasheet HTML 6Page - STMicroelectronics ST70235A Datasheet HTML 7Page - STMicroelectronics ST70235A Datasheet HTML 8Page - STMicroelectronics ST70235A Datasheet HTML 9Page - STMicroelectronics ST70235A Datasheet HTML 10Page - STMicroelectronics ST70235A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ST70235A
7/28
Note: Compensation cell - The COMP_OUT pin must be connected at GND by a 100K
Ω resistor on board.
Specifications of the resistor have to meet the following requirements:
± 5% allowed on the value, ±1% is preferred.
Advice is given to place the resistor so that there will be the shortest path between it and the pin.
Using the DISABLE_COMP signal is possible to disable the slew rate control of IOs, in this mode the IOs are however still functional,
but dynamic performances are affected.
An internal pull-down on DISABLE_COMP pin enables the slew rate control of IOs, an external pull-up resistor (connected at 3.3V)
must be inserted in order to disable the slew rate control.
121
PDOWN
O
BD4STARP
O
Power down analog front end (Reset)
122
VDD 3.3
(VSS + 3.3V) Power Supply
123
AFRXD_0
I
TLCHT
I
Receive data nibble
124
AFRXD_1
I
TLCHT
I
Receive data nibble
125
AFRXD_2
I
TLCHT
I
Receive data nibble
126
AFRXD_3
I
TLCHT
I
Receive data nibble
127
VSS
0V Ground
128
CLWD
I
TLCHT
I
Start of word indication
129
MCLK
I
TLCHT
C
Master clock
130
CTRLDATA
O
BD4STARP
O
Serial data Transmit channel
131
VDD 3.3
(VSS + 3.3V) Power Supply
132
COMP_VDD_1.8
COMP_1V60
Compensation Cell VDD 1.8V (see note 1)
133
COMP_ROUT
O
COMP_1V60
none
Compensation Cell Resistor (see note 1)
134
VSS
COMP_1V60
0V Ground
135
DISABLE_COMP
I
TLCHTDQ
Disable Compensation Cell (see note 1)
136
RESERVED
Reserved
137
VDD 1.8
(VSS + 1.8V) Power Supply
138
IDDq
I
TLCHT
none
Test pin, active high
139
AFTXD_0
O
BD8STARP
O
Transmit data nibble
140
AFTXD_1
O
BD8STARP
O
Transmit data nibble
141
VSS
0V Ground
142
AFTXD_2
O
BD8STARP
O
Transmit data nibble
143
AFTXD_3
O
BD8STARP
O
Transmit data nibble
144
VDD 3.3
(VSS + 3.3V) Power Supply
Table 1 : I/O Driver Function
Driver
Function
BD4STARP
TTL Three Volt capable Schmitt Trigger Bidirectional Pad Buffer, 4mA, with Test pins, with Active Slew
Rate Control
BD8STARP
TTL Three Volt capable Schmitt Trigger Bidirectional Pad Buffer, 8mA, with Test pins, with Active Slew
Rate Control
TLCHTDQ
TTL Three Volt capable Input Buffer with Active Pull-Down and Test pin
TLCHTUQ
TTL Three Volt capable Input Buffer with Active Pull-Up and Test pin
TLCHT
TLL Three Volt capable Input Pad Buffer
Pin
Name
Type
PAD Type
HCMOS7
BS
Function
PIN FUNCTIONS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com